Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2125 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Datasheet(HTML) 4 Page - Vicor Corporation

  PI2125 Datasheet HTML 1Page - Vicor Corporation PI2125 Datasheet HTML 2Page - Vicor Corporation PI2125 Datasheet HTML 3Page - Vicor Corporation PI2125 Datasheet HTML 4Page - Vicor Corporation PI2125 Datasheet HTML 5Page - Vicor Corporation PI2125 Datasheet HTML 6Page - Vicor Corporation PI2125 Datasheet HTML 7Page - Vicor Corporation PI2125 Datasheet HTML 8Page - Vicor Corporation PI2125 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 4 of 20
Electrical Specifications
Unless otherwise specified: -40
°C < TJ < 125°C, VC =12V, CVc = 1uF, CSL = 10pF
Parameter
Symbol
Min
Typ
Max
Units
Conditions
FAULT
(Continued)
Over-Voltage Threshold Hysteresis
VOV-HS
25
mV
Over-Voltage Bias Current
IOV
-1
1
μA
Fault Output Low Voltage
VFTL
0.2
0.5
V
IFT=2mA, VC>3.5V
Fault Output High Leakage Current
IFT-LC
10
μA
VFT=14V
Fault Delay Time
tFT-DEL
20
40
60
μs
Includes output glitch filter
Over Temperature Fault (1)
TFT
160
°C
Over Temperature Fault Hysteresis(1)
TFT-HS
-10
°C
DIFFERENTIAL AMPLIFIER AND COMPARATORS
Common Mode Input Voltage
VCM
-0.1
5.5
V
SP to GND & SN to GND
VC to SP differential(1)
VVC-SP
3.5
V
Differential Operating Input Voltage
VSP-SN
-50
125
mV
SP-SN
SP Input Bias Current
ISP
-50
-37
μA
SP=SN=1.25V
SN Input Bias Current
ISN
3.5
8
μA
SP=SN=1.25V
SN Voltage
VSN
26.4
V
SP=0V
Reverse Comparator Threshold
VRVS-TH
-10
-6
-2
mV
VCM = 3.3V
Reverse Comparator Hysteresis
VRVS-HS
2
5
mV
VCM = 3.3V
Reverse Fault to Slave Low Delay
Time
tRVS-MS
160
200
ns
VSP-SN = -50mV step, VBK=0
(minimum blanking)
Reverse Fault to Slave Low Delay
Time
tRVS-SL
430
600
ns
VSP-SN = -50mV step, VBK= VVC
(maximum blanking)
Forward Comparator Threshold
VFWD-TH
2
6
9
mV
VCM = 3.3V
Forward Comparator Hysteresis
VFWD-HS
-5
-2
mV
VCM = 3.3V
Forward Over Current Comparator
Threshold
VOC-TH
60
66
70
mV
VCM = 3.3V
Forward Over Current Comparator
Hysteresis
VOC-HS
-8
-4
mV
VCM = 3.3V
SLAVE
Slave Source Current
ISL
-60
-25
μA
VSL = 1V, Normal Operating
Conditions, No Faults
Slave Output Voltage High
VSL-Hi
4.3
5.5
V
Normal Operating Conditions,
No Faults
Slave Output Voltage Low
VSL-Lo
0.2
0.5
V
ISL=4mA
Slave Hold-off Voltage at VC UVLO
VSL-UV
0.7
1
V
ISL=5μA,1.5V<VC<3.5V
SLAVE Threshold
VSL-TH
1.75
2
V
Slave Fall Time
tSL-FL
15
25
ns
VBK=0
Slave Low to FET Turn Off Delay (1)
Time Master Mode
tG-SL
20
30
ns
VBK=0
Slave Low to FET Turn Off Delay (1)
Time Slave Mode
tG-SL
100
130
ns
VBK=VC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com