Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 3Page - Cirrus Logic CS3511 Datasheet HTML 4Page - Cirrus Logic CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic CS3511 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CS3511
DS845PP2
7
AC ELECTRICAL CHARACTERISTICS
Test Conditions (unless otherwise specified): AGND = DGND = PGND = 0 V; All voltages with respect to ground;
TA = 25°C; VP = 12 V; RL =8 Ω full-bridge; GAIN1 = 0, GAIN0 = 1; 10 Hz to 20 kHz Measurement Bandwidth; Per-
formance measurements taken with a differential 997 Hz sine wave and AES17 measurement filter; Stereo Full-
Bridge measurements taken through the Full-Bridge Output Filter shown in Figure 4 on page 15.
Notes:
5.
See Figure 5 on page 17.
6.
dBi is referenced to the input signal amplitude resulting in the specified output power at THD+N<1%. See
“Parameter Definitions” on page 21 for more information.
7.
See Section 4.2 “Dynamic DC Offset Calibration” on page 12.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
Output Power (Continuous Average/Channel)
(Note 5)
PO
THD+N = 1%
RL = 8 Ω
RL = 6 Ω
-
-
7.5
9.1
-
-
W
W
THD+N = 7%
RL = 8 Ω
RL = 6 Ω
-
-
8.8
10.8
-
-
W
W
THD+N = 10%
RL = 8 Ω
RL = 6 Ω
-
-
9.4
11.4
-
-
W
W
Total Harmonic Distortion + Noise
(Note 5)
THD+N
PO = 1 W, RL = 8 Ω
PO = 5 W, RL = 8 Ω
-
-
0.019
0.025
-
-
%
%
Dynamic Range
(Note 6)
DYR
Vin = -60 dBi
A-Weighted
Unweighted
-
-
99
96
-
-
dB
dB
Signal to Noise Ratio
(Note 6)
SNR
Inputs AC coupled to AGND
A-Weighted
Unweighted
-
-
99
96
-
-
dB
dB
Power Supply Rejection Ratio
PSRR
200 mv p-p from
20 Hz
≤ f ≤ 1 kHz, inputs AC
coupled to AGND
-55-
dB
IHF Intermodulation Distortion
IHF-IMD
19 kHz, 20 kHz, 1:1 (IHF),
PO = 1 W
-0.20-
%
Channel Separation
CS
PO=1 W, f = 1 kHz
20 Hz
≤ f ≤ 20 kHz
-
-
104
78
-
-
dB
dB
Output Offset Voltage
(Note 7)
VOFFSET
MUTE = low
-50-
mV
Efficiency
η
PO = 2 x 9.4 W, RL = 8 Ω
-85-
%
PWM Output Over-Current Error Trigger Point
ICE
-2.7
-
A
Junction Thermal Error Rising Trigger Point
TTERISE
-155
-
°C
Junction Thermal Error Falling Trigger Point
TTEFALL
-135
-
°C
Turn On Time
ton
SLEEP = VIL
-155
-
ms
Turn Off Time
toff
SLEEP = VIH
-3-
ms
Amplifier Gain
Gain1 = 0, Gain0 = 0
-
13.6
-
dB
Gain1 = 0, Gain0 = 1
-
19.5
-
dB
Gain1 = 1, Gain0 = 0
-
23.8
-
dB
Gain1 = 1, Gain0 = 1
-
27.3
-
dB
Gain Matching
Between output channels
-
0.1
-
%
Input Impedance
Gain1 = 0, Gain0 = 0
36.8
46.0
55.2
k
Ω
Gain1 = 0, Gain0 = 1
18.4
23.0
27.6
k
Ω
Gain1 = 1, Gain0 = 0
11.0
13.8
16.6
k
Ω
Gain1 = 1, Gain0 = 1
7.3
9.2
11.1
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com