Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 13Page - Cirrus Logic CS3511 Datasheet HTML 14Page - Cirrus Logic CS3511 Datasheet HTML 15Page - Cirrus Logic CS3511 Datasheet HTML 16Page - Cirrus Logic CS3511 Datasheet HTML 17Page - Cirrus Logic CS3511 Datasheet HTML 18Page - Cirrus Logic CS3511 Datasheet HTML 19Page - Cirrus Logic CS3511 Datasheet HTML 20Page - Cirrus Logic CS3511 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
CS3511
DS845PP2
17
6. TYPICAL AUDIO PERFORMANCE PLOTS
Test Conditions (unless otherwise specified): All plots were taken using the CRD3511 Reference Design Board
sourced with a differential input; TA = 25°C; 10 Hz to 20 kHz Measurement Bandwidth; Performance measurements
taken with a 997 Hz sine wave and AES17 measurement filter; GAIN1 = 0, GAIN0 = 1; VP = 12 VDC.
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
20
20m
50m
100m
200m
500m
1
2
5
10
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
20
20m
50m
100m
200m
500m
1
2
5
10
W
Figure 5. THD+N vs. Output Power (RL= 8 Ω)
Figure 6. THD+N vs. Output Power (RL= 6 Ω)
9.0 V
12.0 V
9.0 V
12.0 V
0.007
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
20
20m
50m
100m
200m
500m
1
2
5
10
W
0.007
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
1m
20
2m
5m
10m
20m
50m
100m
200m
500m
1
2
5
10
W
Figure 7. THD+N vs. Output Power (RL= 8 Ω)
Figure 8. THD+N vs. Output Power (RL= 6 Ω)
100 Hz
1 kHz
10 kHz
100 Hz
1 kHz
10 kHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
20
20m
50m
100m
200m
500m
1
2
5
10
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
10m
20
20m
50m
100m
200m
500m
1
2
5
10
W
Figure 9. THD+N vs. Output Power (RL= 8 Ω)
Figure 10. THD+N vs. Output Power (RL= 6 Ω)
GAIN=11
GAIN=10
GAIN=00
GAIN=00
GAIN=11
GAIN=10
GAIN=01
GAIN=01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com