Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic CS3511 Datasheet HTML 11Page - Cirrus Logic CS3511 Datasheet HTML 12Page - Cirrus Logic CS3511 Datasheet HTML 13Page - Cirrus Logic CS3511 Datasheet HTML 14Page - Cirrus Logic CS3511 Datasheet HTML 15Page - Cirrus Logic CS3511 Datasheet HTML 16Page - Cirrus Logic CS3511 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
CS3511
DS845PP2
13
4.3
CS3511 Amplifier Gain
The closed-loop gain of the CS3511 is externally configured via two input pins, GAIN0 and GAIN1. The “AC
Electrical Characteristics” on page 7 shows the four different gain values available based on the pin voltag-
es at GAIN0 and GAIN1. The GAIN0 and GAIN1 input pins have weak internal pull-down resistors; so they
should be driven high when set to a logic high. Internally, different input resistor values are used to imple-
ment the four gain settings. Thus, the input impedance will change based on the gain setting. The gain track-
ing is very tightly matched within each device, but the absolute input impedance will vary due to process
variations. This variation must be considered when choosing the proper value of CI. The low-frequency roll-
off characteristic is dedicated by the choice of CI and RI.
The -3 dB frequency is:
On the CRD3511, a value of 1.0 µF is used for CI; this value provides a nearly flat response down to 20 Hz,
even for the highest gain setting. In many cases, a lower value of CI can be used due to a lower gain setting
or because the speakers used do not have the ability to reproduce low-frequency signals.
4.4
MUTE Pin
The MUTE pin must be driven to a logic low or logic high state for proper operation. To enable the amplifier,
connect the MUTE pin to a logic low. To enable the mute function, connect the MUTE pin to a logic high
signal.
When in mute, the internal processor bias voltages remain active in the CS3511. This state maintains the
bias on the input coupling capacitor to prevent audible transients which would be caused by the charging
and discharging of this capacitor. It is recommended that the MUTE pin be held high during power-up or
power-down to eliminate audible transients.
If power-up and/or power-down pops are present with a CS3511 amplifier, the cause may be other circuitry
external to the CS3511, such as an audio processor or preamp. If the CS3511 is in the active state (MUTE
pin is low), these audible pops will be amplified and output to the speakers. To eliminate this problem, acti-
vate the MUTE pin before the power supply collapses during a power-down sequence.
4.5
SLEEP Pin
When pulled high, the SLEEP pin puts the device into a low quiescent current mode. To disable sleep mode,
the SLEEP pin should be grounded. While the device is in low power mode the STATUS pin will be in a logic
high state to indicate that the device is not ready to produce audio.
4.6
Power Up and Power Down Sequence
To minimize power-on and power-off transients, the device should be held in the MUTE state while powering
up or powering down the CS3511. The SLEEP pin can be held in either the logic high state or logic low state
during power-up or power-down.
4.6.1
Recommended Power-Up Sequence
1.
Apply power to the system.
2.
Hold the MUTE pin in the logic high state until the power supply is stable. In this state, all associated
outputs are held in a high-impedance state.
3.
Set the MUTE pin to a logic low state to begin normal operation. If the SLEEP pin is held high during
power-on (optional), it should be set low before the MUTE pin is set low.
fc - 3 dB =
1
2
π CI RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com