Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 1 Page - Cirrus Logic

  CS3511 Datasheet HTML 1Page - Cirrus Logic CS3511 Datasheet HTML 2Page - Cirrus Logic CS3511 Datasheet HTML 3Page - Cirrus Logic CS3511 Datasheet HTML 4Page - Cirrus Logic CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Stereo 10 W High-efficiency Class-D Audio Power Amplifier
Features
Closed-loop Advanced
ΔΣ Architecture
True Spread Spectrum Modulation
Premium Quality Audio Amplification
–
99 dB Dynamic Range - System Level
–
0.025% THD+N @ 5 W - System Level
–
-96 dB Channel Separation
Four Selectable Amplifier Gain Settings
Integrated Protection and Automatic Recovery
for Over-current, Under-voltage, and Thermal
Overload
Single-supply Operation (Typ. = 9-12 V)
No Bootstrap Capacitors Required
Low-power Standby Mode
Supports Differential or Single-ended Inputs
Thermally Enhanced 32-pin, 6 x 6 mm QFN
Package Requires No External Heat Sink
Common Applications
Active Speakers
Portable Media Player Docking Stations
Mini/Micro Shelf Systems
Digital Televisions
General Description
The CS3511 is a high-efficiency class-D PWM amplifier
that integrates on-chip over-current, under-voltage,
over-temperature protection, and error reporting. An on-
board regulator generates a 5 VDC supply used
to power the internal low-voltage analog and digital cir-
cuitry. The low RDS(ON) outputs can source peak cur-
rents up to 2.7 A, deliver high efficiency, allow a small
device package, and lower power supply voltage levels.
The CS3511 is available in a 32-pin QFN package in
Commercial grade (-10°C to +70°C). The CRD3511
customer reference design is also available. Please re-
fer to “Ordering Information” on page 24 for complete
ordering information.
GAIN0
GAIN1
MUTE
STATUS
Gain
Control
SLEEP
Positive Input
Negative Input
Positive Input
Negative Input
Channel 2
Channel 1
PGND
Charge Pump
5 V
Regulator
Digital Power
Analog Power
Gate
Drive
Gate
Drive
Processing
and
Modulation
Channel 2
Positive Output
Negative Output
Channel 1
Positive Output
Negative Output
VP
12 V
Processing
and
Modulation
CS3511
AUG ‘09
DS845PP2


Similar Part No. - CS3511

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3511 CIRRUS-CS3511 Datasheet
270Kb / 26P
Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511-CNZ CIRRUS-CS3511-CNZ Datasheet
270Kb / 26P
Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511-CNZR CIRRUS-CS3511-CNZR Datasheet
270Kb / 26P
Stereo 10 W High-efficiency Class-D Audio Power Amplifier
CS3511_0912 CIRRUS-CS3511_0912 Datasheet
270Kb / 26P
Stereo 10 W High-efficiency Class-D Audio Power Amplifier
More results

Similar Description - CS3511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
10-W Stereo Class-D Audio Power Amplifier
logo
Cirrus Logic
CS3511_0912 CIRRUS-CS3511_0912 Datasheet
270Kb / 26P
Stereo 10 W High-efficiency Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com