Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 3 Page - Cirrus Logic

  CS3511 Datasheet HTML 1Page - Cirrus Logic CS3511 Datasheet HTML 2Page - Cirrus Logic CS3511 Datasheet HTML 3Page - Cirrus Logic CS3511 Datasheet HTML 4Page - Cirrus Logic CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
CS3511
DS845PP2
3
LIST OF FIGURES
Figure 1.Typical Connection Diagram - Stereo Amplifier with Differential Inputs ...................................... 10
Figure 2.Typical Connection Diagram - Stereo Amplifier with Single-Ended Inputs ................................. 11
Figure 3.CS3511 Input Stage .................................................................................................................... 12
Figure 4.Output Filter ................................................................................................................................ 15
Figure 5.THD+N vs. Output Power (RL= 8 W) .......................................................................................... 17
Figure 6.THD+N vs. Output Power (RL= 6 W) .......................................................................................... 17
Figure 7.THD+N vs. Output Power (RL= 8 W) .......................................................................................... 17
Figure 8.THD+N vs. Output Power (RL= 6 W) .......................................................................................... 17
Figure 9.THD+N vs. Output Power (RL= 8 W) .......................................................................................... 17
Figure 10.THD+N vs. Output Power (RL= 6 W) ........................................................................................ 17
Figure 11.Supply Current vs. POUT (RL= 8 W) ........................................................................................ 18
Figure 12.Supply Current vs. POUT (RL= 6 W) ........................................................................................ 18
Figure 13.THD+N vs. Frequency (RL= 8 W) ............................................................................................. 18
Figure 14.THD+N vs. Frequency (RL= 6 W) ............................................................................................. 18
Figure 15.Frequency Response (POUT = 1 W, RL= 8 W) ........................................................................ 18
Figure 16.Frequency Response (POUT = 1 W, RL= 6 W) ........................................................................ 18
Figure 17.Crosstalk vs. Frequency (RL= 8 W) .......................................................................................... 19
Figure 18.Crosstalk vs. Frequency (RL= 6 W) .......................................................................................... 19
Figure 19.Output FFT (POUT = 1 W, RL= 8 W) ........................................................................................ 19
Figure 20.Output FFT (POUT = 1 W, RL= 6 W) ........................................................................................ 19
Figure 21.Output FFT (POUT = 5 W, RL= 8 W) ........................................................................................ 19
Figure 22.Output FFT (POUT = 5 W, RL= 6 W) ........................................................................................ 19
Figure 23.Efficiency (RL= 8 W) ................................................................................................................. 20
Figure 24.Efficiency (RL= 6 W) ................................................................................................................. 20
LIST OF TABLES
Table 1. I/O Power Rails ............................................................................................................................. 9
Table 2. Low-Pass Filter Components ...................................................................................................... 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com