Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 18Page - Cirrus Logic CS3511 Datasheet HTML 19Page - Cirrus Logic CS3511 Datasheet HTML 20Page - Cirrus Logic CS3511 Datasheet HTML 21Page - Cirrus Logic CS3511 Datasheet HTML 22Page - Cirrus Logic CS3511 Datasheet HTML 23Page - Cirrus Logic CS3511 Datasheet HTML 24Page - Cirrus Logic CS3511 Datasheet HTML 25Page - Cirrus Logic CS3511 Datasheet HTML 26Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
CS3511
DS845PP2
25
11.REVISION HISTORY
Release
Changes
A1
Initial Release
A2
–
Updated cover diagram.
–
Removed Dynamic Output Offset Voltage specification.
–
Updated Section 4.2 on page 12.
A3
–
Updated PWM Output Over-Current specification in “AC Electrical Characteristics” table on page 7 and
in the General Description on the front page.
–
FAULT pin (8) name updated to STATUS.
–
Updated Section 4.7 on page 14.
–
Updated “Under-Voltage Protection” table on page 14 and “DC Electrical Characteristics” table on
page 8 from V5GEN to V5A for 5 V voltage sensing.
–
Updated Input Impedance specification in “AC Electrical Characteristics” table on page 7.
PP1
–
Updated front page Features and Common Applications.
–
Updated DC Power Supply specification in “Absolute Maximum Ratings” table on page 6.
–
Updated THD+N, Dynamic Range, SNR, PSRR, Channel Separation, Amplifier Gain, Gain Matching,
and Efficiency specifications in “AC Electrical Characteristics” table on page 7.
–
Updated Sleep Supply Current, Mute Supply Current, Quiescent Current, 5VGEN Nominal Voltage,
REF Nominal Voltage, and BIASCAP Nominal Voltage in “DC Electrical Characteristics” table on
page 8.
–
Updated Leakage Current specification in “Digital Interface Specifications” table on page 8.
–
Updated the typical audio performance plots in Section 6.
PP2
–
Added SLEEP and MUTE pin transition time specification and information to the “DC Electrical
Characteristics” table on page 8.
–
Added Section 4.6, Section 4.6.1, and Section 4.6.2.
–
Updated the typical audio performance plots in Section 6.
–
Updated Input Impedance specifications in “AC Electrical Characteristics” table on page 7.
–
Updated front page Features, “AC Electrical Characteristics” table on page 7, and Section 4.3 to
reference four GAIN settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com