Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 4Page - Cirrus Logic CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic CS3511 Datasheet HTML 11Page - Cirrus Logic CS3511 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CS3511
8
DS845PP2
DC ELECTRICAL CHARACTERISTICS
Test Conditions (unless otherwise specified): AGND = DGND = PGND = 0 V; All voltages with respect to ground;
TA = 25°C; VP = 12 V; RL =8 Ω full-bridge; GAIN1 = 0, GAIN0 = 1; Stereo Full-Bridge measurements taken
through the Full-Bridge Output Filter shown in Figure 4 on page 15.
DIGITAL INTERFACE SPECIFICATIONS
AGND = DGND = PGND = 0 V; All voltages with respect to ground; Unless otherwise specified.
Notes:
8.
Levels between VIH and VIL are invalid. The transition period between VIH and VIL should not exceed tI.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
Sleep Supply Current
ICC(sleep)
SLEEP = VIH
-5.2
-
mA
SLEEP = VIH; no load, filter, or
snubber
-5.2
-
mA
Mute Supply Current
ICC(mute)
MUTE = VIH
-38-
mA
MUTE = VIH; no load, filter, or
snubber
-38-
mA
Quiescent Current
ICC
VIN = 0 V; SLEEP = VIL,
MUTE = VIL
-68-
mA
VIN = 0 V; SLEEP = VIL,
MUTE = VIL; no load, filter, or
snubber
-85-
mA
MOSFET On Resistance (each FET)
RDS(ON)
Id = 0.5 A, TJ =50°C
-
325
-
m
Ω
5VGEN Nominal Voltage
-
5.2
-
V
5VGEN DC current source
-
-
70
mA
REF Nominal Voltage
-1.2
-
V
BIASCAP Nominal Voltage
-
2.5
-
V
VP Under-Voltage Error Falling Trigger Point
VUVVPFALL
-7.56-
V
VP Under-Voltage Error Rising Trigger Point
VUVVPRISE
-8.08-
V
V5A Under-Voltage Error Falling Trigger Point
VUV5VFALL
-4.1
-
V
V5A Under-Voltage Error Rising Trigger Point
VUV5VRISE
-4.3
-
V
Charge Pump Under-Voltage Error Falling
Trigger Point
VUVCPFALL
-
1.55*VP
-
Charge Pump Under-Voltage Error Rising
Trigger Point
VUVCPRISE
-
1.62*VP
-
Parameters
Symbol
Min
Max
Units
High-Level Input Voltage (MUTE, SLEEP)
(Note 8)
VIH
V5D - 2
-
V
High-Level Input Voltage (GAIN1, GAIN0)
VIH
V5D - 0.8
-
V
Low-Level Input Voltage (MUTE, SLEEP, GAIN1, GAIN0)
(Note 8)
VIL
-1
V
Transition Time Between VIH and VIL (MUTE, SLEEP)
(Note 8)
tI
-
500
ns
High-Level Output Voltage (STATUS)
IO =250 μA
VOH
V5D - 0.5
-
V
Low-Level Output Voltage (STATUS)
IO =250 μA
VOL
-0.5
V
Input Leakage Current (MUTE, SLEEP)
Iin
-±10
μA
Input Leakage Current (GAIN1, GAIN0)
Iin
-±300
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com