Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS667LSG Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS667LSG
Description  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667LSG Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS667LSG Datasheet HTML 1Page - Allegro MicroSystems ATS667LSG Datasheet HTML 2Page - Allegro MicroSystems ATS667LSG Datasheet HTML 3Page - Allegro MicroSystems ATS667LSG Datasheet HTML 4Page - Allegro MicroSystems ATS667LSG Datasheet HTML 5Page - Allegro MicroSystems ATS667LSG Datasheet HTML 6Page - Allegro MicroSystems ATS667LSG Datasheet HTML 7Page - Allegro MicroSystems ATS667LSG Datasheet HTML 8Page - Allegro MicroSystems ATS667LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Reference Gear Magnetic Profile
Two Tooth-to-Valley Transitions
-500
-400
-300
-200
-100
0
100
200
300
400
500
Gear Rotation (°)
024
6
8
10
12
0.50
(mm)
Air Gap
0.50 mm AG
3.10 mm AG
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.10
3.00
Reference Gear Magnetic Gradient Amplitude
With Reference to Air Gap
Air Gap (mm)
1.0
1.5
2.0
0.5
2.5
3.0
1400
1200
1000
800
600
400
200
0
Reference Target 60-0 (60 Tooth Target)
Characteristics
Symbol
Test Conditions
Typ.
Units
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
Face Width
F
Breadth of tooth, with respect
to branded face
6mm
Angular Tooth Thickness
t
Length of tooth, with respect
to branded face
3
deg.
Angular Valley Thickness
tv
Length of valley, with respect
to branded face
3
deg.
Tooth Whole Depth
ht
3mm
Material
Low Carbon Steel
–
–
Do
ht
F
Air Gap
Branded Face of Package
t
tv
Reference Target
60-0
of Package
Branded Face



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com