Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS667LSG Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS667LSG
Description  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667LSG Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS667LSG Datasheet HTML 1Page - Allegro MicroSystems ATS667LSG Datasheet HTML 2Page - Allegro MicroSystems ATS667LSG Datasheet HTML 3Page - Allegro MicroSystems ATS667LSG Datasheet HTML 4Page - Allegro MicroSystems ATS667LSG Datasheet HTML 5Page - Allegro MicroSystems ATS667LSG Datasheet HTML 6Page - Allegro MicroSystems ATS667LSG Datasheet HTML 7Page - Allegro MicroSystems ATS667LSG Datasheet HTML 8Page - Allegro MicroSystems ATS667LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS Valid over operating voltage and temperature ranges; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
Electrical Characteristics
Supply Voltage2
VCC
Operating, TJ < TJ(max)
4.0
–
24
V
Undervoltage Lockout (UVLO)
VCC(UV)
–
3.5
3.95
V
Reverse Supply Current
IRCC
VCC = –18 V
–
–
– 10
mA
Supply Zener Clamp Voltage
VZ
ICC = 15 mA, TA = 25 °C
26.5
–
–
V
Supply Zener Current
IZ
TA = 25°C, TJ < TJ(max), continuous, VZ =26.5 V
–
–
15
mA
Supply Current
ICC
Output off
4
7
12
mA
Output on
4
7
12
mA
Power-On State Characteristics
Power-On State
POS
Connected as in figure 6
–
High
–
–
Power-On Time3
tPO
SROT < 200 rpm; VCC > VCC(min)
–
–
2
ms
OUTPUT STAGE
Low Output Voltage
VOUT(SAT) IOUT = 10 mA, Output = on
–
100
250
mV
Output Zener Clamp Voltage
VZOUT
IOUT = 3 mA, TA = 25°C
26.5
–
–
V
Output Current Limit
IOUT(LIM)
VOUT = 12 V, TJ < TJ(max)
25
45
70
mA
Output Leakage Current
IOUT(OFF)
Output = off, VOUT = 24 V
–
–
10
μA
Output Rise Time
tr
RPULLUP = 1 kΩ, CL = 4.7 nF, VPULLUP = 12 V,
10% to 90%, connected as in figure 6
–
10
–
μs
Output Fall Time
tf
RPULLUP = 1 kΩ, CL = 4.7 nF, VPULLUP = 12 V,
90% to 10%, connected as in figure 6
–
0.6
2
μs
D-to- A Converter (DAC) Characteristics
Allowable User Induced Differential
Offset4,5
BDIFFEXT
User induced differential offset
–
±60
–
G
Calibration
Initial Calibration6
CALI
Possible reduced edge detection accuracy, duty
cycle not guaranteed
–
1
6
edge
Update Method
Running mode operation, bounded for
decreasing AG, unlimited for increasing AG
–
Continuous
––
Operating Characteristics (with Allegro 60-0 Reference Target)
Operational Air Gap Range7
AGOP
Repeatability and duty cycle within specification
0.5
–
2.5
mm
Maximum Operational Air Gap Range
AGOPMAX Output switching only (no missing edges)
–
–
3.1
mm
Relative Repeatability8
TθE
100 Gpk-pk ideal sinusoidal signal, TA=150°C,
SROT=1000 rpm (f=1000Hz)
–
0.12
–
deg.
Maximum Single Outward Sudden Air
Gap Change9
ΔAGMAX
Percentage of most recent AGpk-pk, single
instantaneous air gap increase, f < 500 Hz,
VPROC(pk-pk) > VLOE after sudden AG change
–
40
–
%
Duty Cycle
D
Wobble < 0.5 mm, AGOP < AGOPMAX, direction
of target rotation pin 1 to pin 4
42
47
52
%
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com