Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS667LSG Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS667LSG
Description  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667LSG Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS667LSG Datasheet HTML 6Page - Allegro MicroSystems ATS667LSG Datasheet HTML 7Page - Allegro MicroSystems ATS667LSG Datasheet HTML 8Page - Allegro MicroSystems ATS667LSG Datasheet HTML 9Page - Allegro MicroSystems ATS667LSG Datasheet HTML 10Page - Allegro MicroSystems ATS667LSG Datasheet HTML 11Page - Allegro MicroSystems ATS667LSG Datasheet HTML 12Page - Allegro MicroSystems ATS667LSG Datasheet HTML 13Page - Allegro MicroSystems ATS667LSG Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Undervoltage Lockout
When the supply voltage falls below the undervoltage lockout
voltage, VCC(UV), the device enters Reset, where the output
state returns to the Power-On State (POS) until sufficient VCC
is supplied. ICC levels may not meet datasheet limits when VCC
< VCC(min). This lockout feature prevents false signals, caused
by undervoltage conditions, from propagating to the output of the
IC.
Power Supply Protection
The device contains an on-chip regulator and can operate over a
wide VCC range. For devices that must operate from an unregu-
lated power supply, transient protection must be added externally.
For applications using a regulated line, EMI/RFI protection may
still be required. Contact Allegro for information on the circuitry
needed for compliance with various EMC specifications. Refer
to figure 6 for an example of a basic application circuit.
Automatic Gain Control (AGC)
This feature allows the device to operate with an optimal internal
electrical signal, regardless of the air gap (within the AG speci-
fication). At power-on, the device determines the peak-to-peak
amplitude of the signal generated by the target. The gain of the IC
is then automatically adjusted. Figure 7 illustrates the effect of
this feature.
Automatic Offset Adjust (AOA)
The AOA circuitry automatically compensates for the effects of
chip, magnet, and installation offsets. This circuitry is continu-
ously active, including during both power-on mode and running
mode, compensating for any offset drift (within the Allowable
User Induced Differential Offset). Continuous operation also
allows it to compensate for offsets induced by temperature varia-
tions over time.
Running Mode Lockout
The ATS667 has a running mode lockout feature to prevent
switching in response to small signals that are characteristic of
vibration signals. The internal logic of the chip considers small
signal amplitudes below a certain level to be vibration. The out-
put is held to the state prior to lockout until the amplitude of the
signal returns to normal operational levels.
Assembly Description
The ATS667 is integrally molded into a plastic body that has
been optimized for size, ease of assembly, and manufacturability.
High operating temperature materials are used in all aspects of
construction.
Figure 6. Typical circuit for proper device operation.
Figure 7. Automatic Gain Control (AGC). The AGC function corrects for
variances in the air gap. Differences in the air gap cause differences in
the magnetic field at the device, but AGC prevents that from affecting
device performance, as shown in the lowest panel.
Mechanical Profile
AGSmall
AGLarge
AGSmall
AGLarge
Internal Differential
Analog Signal
Response, with AGC
Internal Differential
Analog Signal
Response, without AGC
Ferrous Target
V+
V+
43
VCC
VCC
VPULLUP
RPULLUP
GND TEST
VOUT
CBYPASS
0.1 μF
(Required)
CL
ATS667
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com