Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS667LSG Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS667LSG
Description  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667LSG Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS667LSG Datasheet HTML 6Page - Allegro MicroSystems ATS667LSG Datasheet HTML 7Page - Allegro MicroSystems ATS667LSG Datasheet HTML 8Page - Allegro MicroSystems ATS667LSG Datasheet HTML 9Page - Allegro MicroSystems ATS667LSG Datasheet HTML 10Page - Allegro MicroSystems ATS667LSG Datasheet HTML 11Page - Allegro MicroSystems ATS667LSG Datasheet HTML 12Page - Allegro MicroSystems ATS667LSG Datasheet HTML 13Page - Allegro MicroSystems ATS667LSG Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
B
RP
B
OP
B
OP
B
OP(initial)
B
RP(initial)
1
4
2
3
Start Mode
Hysteresis, POHYS
Output Signal, VOUT
If exceed PO
HYS
on high side
If exceed PO
HYS
on low side
IC Position
Relative to Target
Target Magnetic Profile
Differential Signal, VPROC
Target, Gear
Start Mode Hysteresis
This feature helps to ensure optimal self-calibration by rejecting
electrical noise and low-amplitude target vibration during
initialization. This prevents AGC from calibrating the IC on such
spurious signals. Calibration can be performed using the actual
target features.
A typical scenario is shown in figure 5. The Start Mode Hysteresis,
POHYS, is a minimum level of the peak-to-peak amplitude of the
internal analog electrical signal, VPROC, that must be exceeded
before the ATS667 starts to compute switchpoints.
Figure 5. Operation of Start Mode Hysteresis
• At power-on (position 1), the ATS667 begins sampling VPROC.
• At the point where the Start Mode Hysteresis, POHYS, is exceeded, the device establishes an initial switching threshold, by using the Continuous
Update algorithm. If VPROC is falling through the limit on the low side (position 2), the switchpoint is BRP, and if VPROC is rising through the limit on the
high side (position 4), it is BOP . After this point, Start Mode Hysteresis is no longer a consideration. Note that a valid VPROC value exceeding the Start
Mode Hysteresis can be generated either by a legitimate target feature or by excessive vibration.
• In either case, because the switchpoint is immediately passed as soon as it it established, the ATS667 enables switching:
--If on the low side, at BRP (position 2) the output would switch from low to high. However, because output is already high, no output switching occurs.
At the next switchpoint, where BOP is passed (position 3), the output switches from high to low.
--If on the high side, at BOP (position 4) the output switches from high to low.
As this example demonstrates, initial output switching occurs with the same polarity, regardless of whether the Start Mode Hysteresis is exceeded on the
high side or on the low side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com