Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS667LSG Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS667LSG
Description  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667LSG Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS667LSG Datasheet HTML 2Page - Allegro MicroSystems ATS667LSG Datasheet HTML 3Page - Allegro MicroSystems ATS667LSG Datasheet HTML 4Page - Allegro MicroSystems ATS667LSG Datasheet HTML 5Page - Allegro MicroSystems ATS667LSG Datasheet HTML 6Page - Allegro MicroSystems ATS667LSG Datasheet HTML 7Page - Allegro MicroSystems ATS667LSG Datasheet HTML 8Page - Allegro MicroSystems ATS667LSG Datasheet HTML 9Page - Allegro MicroSystems ATS667LSG Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic Performance
TA (°C)
Supply Current (Off) versus Ambient Temperature
14
12
10
8
6
4
2
0
0
100
50
-50
150
VCC (V)
VCC (V)
Supply Current (Off) versus Supply Voltage
14
12
10
8
6
4
2
0
10
20
030
10
20
030
TA (°C)
Supply Current (On) versus Ambient Temperature
14
12
10
8
6
4
2
0
0
100
50
-50
150
Supply Current (On) versus Supply Voltage
14
12
10
8
6
4
2
0
TA (°C)
Output Voltage versus Ambient Temperature
VCC = 12 V, ILOAD = 10 mA
180
160
140
120
100
80
60
40
20
0
0
100
50
-50
150
AG (mm)
Duty Cycle versus Air Gap
Allegro 60-0 Reference Target
52
51
50
49
48
47
46
45
44
43
42
1.0
0.5
1.5
2.5
2.0
03.0
TA (°C)
25
150
–40
TA (°C)
25
150
–40
TA (°C)
25
150
–40
VCC (V)
12
24
4
VCC (V)
12
24
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com