Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS667LSG Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS667LSG
Description  True Zero-Speed, High Accuracy Gear Tooth Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS667LSG Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS667LSG Datasheet HTML 4Page - Allegro MicroSystems ATS667LSG Datasheet HTML 5Page - Allegro MicroSystems ATS667LSG Datasheet HTML 6Page - Allegro MicroSystems ATS667LSG Datasheet HTML 7Page - Allegro MicroSystems ATS667LSG Datasheet HTML 8Page - Allegro MicroSystems ATS667LSG Datasheet HTML 9Page - Allegro MicroSystems ATS667LSG Datasheet HTML 10Page - Allegro MicroSystems ATS667LSG Datasheet HTML 11Page - Allegro MicroSystems ATS667LSG Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS667LSG
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Hall Technology
The ATS667 contains a single-chip differential Hall-effect sensor
IC, a samarium cobalt pellet, and a flat ferrous pole piece (con-
centrator). As shown in figure 1, the Hall IC supports two Hall
elements, which sense the magnetic profile of the ferrous gear
target simultaneously, but at different points (spaced at a 2.2 mm
pitch), generating a differential internal analog voltage, VPROC,
that is processed for precise switching of the digital output signal.
The Hall IC is self-calibrating and also possesses a tempera-
ture compensated amplifier and offset cancellation circuitry. Its
voltage regulator provides supply noise rejection throughout the
operating voltage range. Changes in temperature do not greatly
affect this device due to the stable amplifier design and the offset
compensation circuitry. The Hall transducers and signal process-
ing electronics are integrated on the same silicon substrate, using
a proprietary BiCMOS process.
Target Profiling During Operation
An operating device is capable of providing digital information
that is representative of the mechanical features of a rotating gear.
The waveform diagram in figure 3 presents the automatic transla-
tion of the mechanical profile, through the magnetic profile that
it induces, to the digital output signal of the ATS667. No addi-
tional optimization is needed and minimal processing circuitry is
required. This ease of use reduces design time and incremental
assembly costs for most applications.
Determining Output Signal Polarity
In figure 3, the top panel, labeled Mechanical Position, represents
the mechanical features of the target gear and orientation to the
device. The bottom panel, labeled IC Output Signal, displays the
square waveform corresponding to the digital output signal that
results from a rotating gear configured as shown in figure 2, and
electrically connected as in figure 6. That direction of rotation (of
the gear side adjacent to the package face) is: perpendicular to
the leads, across the face of the device, from the pin 1 side to the
pin 4 side. This results in the IC output switching from low state
to high state as the leading edge of a tooth (a rising mechanical
edge, as detected by the IC) passes the package face. In this con-
figuration, the device output switches to its high polarity when a
tooth is the target feature nearest to the package. If the direction
of rotation is reversed, so that the gear rotates from the pin 4 side
to the pin 1 side, then the output polarity inverts. That is, the out-
put signal goes high when a falling edge is detected, and a valley
is nearest to the package.
Target (Gear)
Back-biasing
Rare-earth Pellet
South Pole
North Pole
Case
(Pin 1 Side)
(Pin 4 Side)
Hall IC
Pole Piece
Element Pitch
(Concentrator)
Dual-Element
Hall Effect Device
Hall Element 1
Hall Element 2
of Package
Rotating Target
Branded Face
1
4
B
OP(#1)
B
RP(#1)
B
RP(#2)
B
OP(#2)
On
Off
Off
On
IC Internal Switch State
Package Orientation to Target
IC Internal Differential Analog Signal, VPROC
Mechanical Position (Target movement pin 1 to pin 4)
IC Output Signal, VOUT
Target
(Gear)
(Package Top View)
Sensor Branded Face
Pin 1
Side
Pin 4
Side
Branded Face
Hall Element Pitch
Target Magnetic Profile
+B
This tooth
sensed earlier
This tooth
sensed later
Back-Biasing
Pellet
IC
Figure 1. Relative motion of the target is detected by the dual Hall
elements mounted on the Hall IC.
Figure 2. This left-to-right (pin 1 to pin 4) direction of target rotation results
in a high output state when a tooth of the target gear is nearest the
package face (see figure 3). A right-to-left (pin 4 to pin 1) rotation inverts
the output signal polarity.
Figure 3. The magnetic profile reflects the geometry of the target, allowing
the ATS667 to present an accurate digital output response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com