| Electronic Components Datasheet Search |
|
ATS667LSG Datasheet(PDF) 9 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS667LSG Datasheet(HTML) 9 Page - Allegro MicroSystems |
|
9 / 14 page ![]() True Zero-Speed, High Accuracy Gear Tooth Sensor IC ATS667LSG 9 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Continuous Update of Switchpoints Switchpoints are the threshold levels of the differential internal analog signal, VPROC, at which the device changes output signal state.The value ofVPROCisdirectlyproportionaltothemagneticflux density, B, induced by the target and sensed by the Hall elements. As VPROC rises through a certain limit, referred to as the operate point, BOP, the output state changes from high to low. As VPROC falls below BOP to a certain limit, the release point, BRP, the output state changes from low to high. As shown in panel C of figure 4, threshold levels for the ATS667 switchpoints are established as a function of the peak input signal levels. The ATS667 incorporates an algorithm that continuously monitors the input signal and updates the switching thresholds accordingly with limited inward movement of VPROC. The switchpoint for each edge is determined by the detection of the previous two signal edges. In this manner, variations are tracked in real time. (A) TEAG varying; cases such as eccentric mount, out-of-round region, normal operation position shift (B) Internal analog signal, VPROC, typically resulting in the IC 0 360 Target Rotation (°) Hysteresis Band (Delimited by switchpoints) V+ Larger TEAG Smaller TEAG IC Target Larger TEAG Target IC Smaller TEAG Smaller TEAG Pk(#4) Pk(#5) Pk(#7) Pk(#9) Pk(#2) Pk(#3) Pk(#1) Pk(#6) Pk(#8) B HYS(#4) B HYS(#3) V+ BRP(#1) BOP(#1) BRP(#2) BRP(#3) BOP(#3) BRP(#4) BOP(#4) BOP(#2) V PROC(BOP) (#1) V PROC(BOP) (#2) V PROC(BOP) (#3) V PROC(BOP) (#4) V PROC(BRP) (#1) V PROC(BRP) (#2) V PROC(BRP) (#3) V PROC(BRP) (#4) B HYS(#1) B HYS(#2) BHYS Switchpoint Determinant Peak Values 1 BOP(#1) Pk(#1), Pk(#2) BRP(#1) Pk(#2), Pk(#3) 2 BOP(#2) Pk(#3), Pk(#4) BRP(#2) Pk(#4), Pk(#5) 3 BOP(#3) Pk(#5), Pk(#6) BRP(#3) Pk(#6), Pk(#7) 4 BOP(#4) Pk(#7), Pk(#8) BRP(#4) Pk(#8), Pk(#9) (C) Referencing the internal analog signal, VPROC, to continuously update device response Figure 4. The Continuous Update algorithm allows the Allegro IC to interpret and adapt to variances in the magnetic field generated by the target as a result of eccentric mounting of the target, out-of-round target shape, and similar dynamic application problems that affect the TEAG (Total Effective Air Gap). Not detailed in the figure are the boundaries for peak capture DAC movement which intentionally limit the amount of inward signal variation the IC is able to react to over a single transition. The algorithm is used to establish and subsequently update the device switchpoints (BOP and BRP). The hysteresis, BHYS(#x), at each target feature configuration results from this recalibration, ensuring that it remains properly proportioned and centered within the peak-to-peak range of the internal analog signal, VPROC. As shown in panel A, the variance in the target position results in a change in the TEAG. This affects the IC as a varying magnetic field, which results in proportional changes in the internal analog signal, VPROC, shown in panel B. The Continuous Update algorithm is used to establish switchpoints based on the fluctuation of VPROC, as shown in panel C. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |