Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD8155
Rev. 0 | Page 30 of 36
SUPPLY SEQUENCING
Ideally, all power supplies should be brought up to the appropri-
ate levels simultaneously (power supply requirements are set by
the supply limits in Table 1 and the absolute maximum ratings
listed in Table 3). In the event that the power supplies to the
AD8155 are brought up separately, the supply power-up sequence
is as follows: DVCC is powered first, followed by VCC, and lastly
VTTI and VTTO. The power-down sequence is reversed, with VTTI
and VTTO being powered off first.
VTTI and VTTO contain ESD protection diodes to the VCC power
domain (see Figure 38 and Figure 39). To avoid a sustained high
current condition in these devices (ISUSTAINED < 64 mA), the VTTI
and VTTO supplies should be powered on after VCC and should
be powered off before VCC.
If the system power supplies have a high impedance in the
powered off state, then supply sequencing is not required
provided the following limits are observed:
•
Peak current from VTTI or VTTO to VCC < 200 mA
•
Sustained current from VTTI or VTTO to VCC < 64 mA
SINGLE SUPPLY vs. MULTIPLE SUPPLY
OPERATION
The AD8155 supports a flexible supply voltage of 1.8 V to 3.3 V.
For some dc-coupled links, 1.2 V or ground-referenced signaling
may be desired. In these cases, the AD8155 can be run with a
split supply configuration. An example is shown in Figure 47.
TX
RX
0V
VTTO
VCC
DVCC
50Ω
50Ω
50Ω
50Ω
VTTI
CML
AD8155
Z0
Z0
VEE = –3.3V (OR –1.8V)
VOH = 0mV
VOL = –400mV
Z0
Z0
+
–
MCU
MCU_VSS
TO AD8155
I2C_SDA
VEE
ADuM1250
MCU_VDD
DVCC
I2C_SCL
Figure 47. Multiple Supply Operation
Table 21. Alternate Supply Configuration Examples
Signal Level
VCC, VTTI, VTTO
VEE
1.2 V CML
1.2 V
−2.1 V ≤VEE ≤ −0.6 V
GND − 400 mV diff
GND
−3.3 V ≤VEE ≤ −1.8 V
The AD8155 control signals are always referenced between
DVCC and VEE and, when using a split supply configuration,
logic level-shift circuits should be used. The evaluation board
design shows the use of the Analog Devices, Inc., ADUM1250
I2C isolator and a level shifter to level-shift the SCL and SDA
signals (for information about the evaluation board, see the
Ordering Guide).
Evaluation of DC-Coupled Links
When evaluating the AD8155 dc-coupled, note that most lab
equipment is ground referenced whereas the AD8155 high
speed I/O are connected by 50 Ω on-die termination resistors to
VTTI and VTTO. To interface the AD8155 to ground-referenced,
high speed instrumentation (for example, the 50 Ω inputs of a
high speed oscilloscope), it is necessary to level-shift the outputs by
either using a dc-blocking network or powering the AD8155
between ground and a negative supply.
For example, to evaluate 1.8 V dc-coupled transmitter perfor-
mance with a 50 Ω ground-referenced oscilloscope, use the
following supply configuration:
VCC = VTTO = VTTI = Ground
VEE = −1.8 V
Ground < DVCC < 1.5 V
INITIALIZATION SEQUENCE FOR LOW POWER
AND LOS_INT OPERATION
The following programming sequence is required to initialize
the device in a low power mode and to enable the LOS_INT:
set the reserved bits to Logic 1 in the RX and TX control
registers by writing the value 0x0C to the 0x40, 0x48, 0x80,
0x88, 0xC0, and 0xC8 registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com