Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD8155
Rev. 0 | Page 26 of 36
APPLICATIONS INFORMATION
The main application of the AD8155 is to support redundancy
on both the backplane side and the line interface side of a serial
link. Each port consists of four lanes to support standards such
as RXAUI. Figure 43 illustrates redundancy in an RXAUI
backplane system. Each line card is connected to two switch
fabrics (primary and redundant). The device can be configured
to support either 1 + 1 or 1:1 redundancy. Also, the AD8155 can
enable module redundancy, as shown in Figure 44, and can be
used as a four- or six-lane signal conditioning device to enable
high speed serial communication over long copper links.
FABRIC CARDS
LINE CARDS
BACKPLANE
AD8155
PHYSICAL
INTERFACE
MACs
FRAMERS
FABRIC INTERFACE
TRAFFIC MANAGERS
NETWORK PROCESSOR
AD8155
FABRIC INTERFACE
TRAFFIC MANAGERS
NETWORK PROCESSOR
REDUNDANT
SWITCH
FABRIC
PRIMARY
SWITCH
FABRIC
PHYSICAL
INTERFACE
MACs
FRAMERS
Figure 43. Using the AD8155 for Switch Redundancy
LINE CARD
PRIMARY
MODULE
MACs
FRAMERS
FABRIC INTERFACE
TRAFFIC MANAGERS
NETWORK PROCESSOR
REDUNDANT
MODULE
AD8155
Figure 44. Using the AD8155 for Module Redundancy
EQ
PE
EQ
ASIC 1
ASIC 2
PE
PE
EQ
PE
EQ
0
Z0
Z0
Z0
Z0
Z0
Z0
0
Z0
Z0
Z0
Z0
Z0
Z0
LOSSY CHANNEL
LOSSY CHANNEL
OUT 2
IN 3
IN 4
IN 2
OUT 3
OUT 4
OUT 1
Z0
Z
Z0
Z
IN 1
Figure 45. Using the AD8155 for Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com