Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD8155
Rev. 0 | Page 7 of 36
PIN 1
INDICATOR
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SEL4G
VEE
VTTO
ON_A1
OP_A1
VCC
ON_A0
OP_A0
VTTI
IN_A1
IP_A1
VCC
IN_A0
IP_A0
VEE
DVCC
NC = NO CONNECT
LB_C
VEE
OP_C0
ON_C0
VCC
OP_C1
ON_C1
VTTO
VCC
IP_B0
IN_B0
VCC
IP_B1
IN_B1
VTTI
VEE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD8155
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE MUST BE
ELECTRICALLY CONNECTED TO VEE.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
SEL4G
Control
Set Transmitter for Low Speed PE, Active High.
2, 15, 29, 33, 47, ePAD
VEE
Power
Negative Supply. The exposed pad on the bottom of the
package must be electrically connected to VEE.
3, 23, 41
VTTO
Power
Port A, Port B, and Port C Output Termination Supply.
4
ON_A1
Output
High Speed Output Complement.
5
OP_A1
Output
High Speed Output.
6, 12, 26, 37, 40, 44, 55, 59
VCC
Power
Positive Supply.
7
ON_A0
Output
High Speed Output Complement.
8
OP_A0
Output
High Speed Output.
9, 34, 56
VTTI
Power
Port A, Port B, and Port C Input Termination Supply.
10
IN_A1
Input
High Speed Input Complement.
11
IP_A1
Input
High Speed Input.
13
IN_A0
Input
High Speed Input Complement.
14
IP_A0
Input
High Speed Input.
16
DVCC
Power
Digital Power Supply.
17
SCL
Control
I2C Clock Input.
18
SDA
Control
I2C Data Input/Output.
19
I2C_A0
Control
I2C Address Input (LSB).
20
I2C_A1
Control
I2C Address Input.
21
I2C_A2
Control
I2C Address Input (MSB).
22
RESET
Control
Device Reset, Active Low.
24
ON_B1
Output
High Speed Output Complement.
25
OP_B1
Output
High Speed Output.
27
ON_B0
Output
High Speed Output Complement.
28
OP_B0
Output
High Speed Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com