Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AD8155
Rev. 0 | Page 23 of 36
Power Saving Considerations
Whereas the AD8155 power consumption is very low compared
to similar devices, careful control of its operating conditions can
yield further power savings. Significant power reduction can be
realized by operating the part at a lower voltage. Compared to
3.3 V operation, a supply voltage of 1.8 V can result in power
savings of ~45%. There is no performance penalty when oper-
ting at lower voltage. An initialization sequence is required to
enable the AD8155 in a low power mode (see the Applications
Information section).
A second measure is to disable transmitters when they are not
being used. This can be done on a static basis if the output is
not used or on a dynamic basis if the output does not have a
constant stream of traffic. On transmit disable (Register 0x48,
Register 0x88, Register 0xC8), both the predriver and output
switch currents are disabled. The LOS-activated squelch
disables only the output switch current, ITOT. Superior power
saving is achieved by using the TX and RX disable registers to
turn off an unused lane as opposed to relying on the AD8155
transmit squelch feature.
Because the majority of the power dissipated is in the output
stage, some of its flexibility can be used to lower the power
consumption. First, the output current and output preemphasis
settings can be programmed to the smallest amount required to
maintain BER performance. If an output circuit always has a
short length and the receiver has good sensitivity, then a lower
output current can be used.
It is also possible to lower the voltage on VTTO to lower the
power dissipation. The amount that VTTO can be lowered is
dependent on the lowest of all the output’s VOL and VCC. This
is determined by the output that is operating at the highest
programmed output current. Table 1 and Table 19 list minimum
output levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com