Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD8155
Rev. 0 | Page 14 of
500
550
1000
600
650
700
750
800
850
900
950
36
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 29. Propagation Delay vs. Temperature
140
120
100
80
60
40
20
0
NO
012
345
67
89
DUT
EQ SETTING
0"
10"
20"
30"
40"
Figure 30. Deterministic Jitter vs. EQ Setting
10
9
8
7
6
5
4
3
2
0
12
345
67
89
10
1
0
EQ SETTING
0"
10"
20"
30"
40"
Figure 31. Random Jitter vs. EQ Setting vs. Trace
90
80
70
60
50
40
30
20
01
23
45
67
10
0
PE SETTING
0" DEFAULT OUTPUT SWING
10" DEFAULT OUTPUT SWING
20" DEFAULT OUTPUT SWING
30" DEFAULT OUTPUT SWING
30" 200mV OUTPUT LEVEL
Figure 32. Deterministic Jitter vs. PE Setting
10
9
8
7
6
5
4
3
2
0123
456
8
7
1
0
PE SETTING
0" DEFAULT OUTPUT SWING
10" DEFAULT OUTPUT SWING
20" DEFAULT OUTPUT SWING
30" DEFAULT OUTPUT SWING
30" MINIMUM OUTPUT SWING
Figure 33. Random Jitter vs. PE Setting
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
1G
100M
10M
1M
100k
–20
FREQUENCY (Hz)
6"
10"
20"
30"
40"
Figure 34. S21 Test Traces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com