Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8155ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD8155
Rev. 0 | Page 4 of 36
Parameter
Conditions
Min
Typ
Max
Unit
Supply Current
ICC
VCC = 1.8 V
LB_x = 0, PE = 0 dB on all ports, low power mode3
233
270
mA
LB_x = 1, PE = 6 dB on all ports, low power mode3
406
480
mA
LB_x = 0, PE = 0 dB on all ports, default
350
410
mA
LB_x = 1, PE = 6 dB on all ports, default
690
800
mA
VCC = 3.3 V
LB_x = 0, PE = 0 dB on all ports, low power mode3
254
300
mA
LB_x = 1, PE = 6 dB on all ports, low power mode3
435
500
mA
LB_x = 0, PE = 0 dB on all ports, default
380
450
mA
LB_x = 1, PE = 6 dB on all ports, default
735
850
mA
ITTO
VTTO = 1.8 V
LB_x = 0, PE = 0 dB on all ports, low power mode3
66
82
mA
LB_x = 1, PE = 6 dB on all ports, low power mode3
186
226
mA
LB_x = 0, PE = 0 dB on all ports, default
66
82
mA
LB_x = 1, PE = 6 dB on all ports, default
183
225
mA
VTTO = 3.3 V
LB_x = 0, PE = 0 dB on all ports, low power mode3
69
85
mA
LB_x = 1, PE = 6 dB on all ports, low power mode3
195
230
mA
LB_x = 0, PE = 0 dB on all ports, default
69
84
mA
LB_x = 1, PE = 6 dB on all ports, default
193
230
mA
ITTI
10
20
mA
IDVCC
2
4
mA
THERMAL CHARACTERISTICS
Operating Temperature Range
−40
+85
°C
θJA
Still air; JEDEC 4-layer test board, exposed pad
soldered
21.2
°C/W
θJC
Still air; thermal resistance through exposed pad
1.1
°C/W
Maximum Junction Temperature
125
°C
LOGIC CHARACTERISTICS4
I2C, SDA, SCL, control pins
Input High (VIH)
DVCC = 3.3 V
0.7 × DVCC
DVCC
V
Input Low (VIL)
DVCC = 3.3 V
VEE
0.3 × DVCC
V
Input High (VIH)
DVCC = 1.8 V
0.8 × DVCC
DVCC
V
Input Low (VIL)
DVCC = 1.8 V
VEE
0.2 × DVCC
V
Output High (VOH)
2 kΩ pull-up resistor to DVCC
DVCC
V
Output Low (VOL)
IOL = +3 mA
VEE
0.4
V
1 Bicast is off, loopback is off on all ports, preemphasis is set to minimum on all ports, and equalization is set to minimum on all ports.
2 VICM is the input common-mode voltage.
3 Low power mode is obtained by following the steps identified in the Initialization Sequence for Low Power and LOS_INT Operation section.
4 EQ control pins (EQ_A, EQ_B, EQ_C) require 5 kΩ in series when DVCC > VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com