Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # AD8155ACPZ-R7
Description  6.5 Gbps Dual Buffer Mux/Demux
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8155ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8155ACPZ-R7 Datasheet HTML 28Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 29Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 30Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 31Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 32Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 33Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 34Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 35Page - Analog Devices AD8155ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AD8155
Rev. 0 | Page 33 of 36
REGISTER MAP
All registers are port-level and global registers, unless otherwise noted.
Table 22. Register Definitions
Mnemonic
Addr.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Reset
0x00
RESET
Switch
Control 1
0x01
LBC
LBB
LBA
Set to 0
Set to 0
SELAb/B[1]
SELAb/B[0]
0x00
Switch
Control 2
0x02
SEL4G
BICAST
0x00
Global
Squelch Ctrl
0x04
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
GSQLCH_ENB
Reserved;
set to 1
Reserved;
set to 1
Reserved;
set to 1
0x0F
Switch Core/
Headroom
0x05
TX_HEAD
ROOM_C
TX_HEAD
ROOM_B
TX_HEAD
ROOM_A
XCORE_ENB
0x01
Mode
0x0F
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved; set
to 0
Reserved;
set to 0
MODE[1]
MODE[0]
0x00
RXA Disable
0x40
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved
Reserved
RXDIS A1
RXDIS A0
0x00
RXA EQ
Setting
0x41
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
AEQ[3]
AEQ[2]
AEQ[1]
AEQ[0]
0x00
RXA LOS
Control
0x51
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved; set
to 0
LOS_FILT
Reserved;
set to 0
LOS_ENB
0x05
RXA Lane 1/
RXA Lane 0
EQ Setting
0x421
A1EQ[3]
A1EQ[2]
A1EQ[1]
A1EQ[0]
A0EQ[3]
A0EQ[2]
A0EQ[1]
A0EQ[0]
0x00
RXA P/N
Swap
0x441
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved; set
to 0
Reserved;
set to 0
PNA1
PNA0
0x00
RXA LOS
Status
0x451
Reserved
Reserved
LOSA1
sticky
LOSA0
sticky
Reserved
Reserved
LOSA1
active
LOSA0
active
TXA Disable
0x48
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved
Reserved
TXDIS A1
TXDIS A0
0x00
TXA Level/PE
Control
0x49
ALEV[1]
ALEV[0]
APE[2]
APE[1]
APE[0]
0x20
TXA Lane1/
TXA Lane 0
PE Setting
0x4A1
A1PE[2]
A1PE[1]
A1PE[0]
A0PE[2]
A0PE[1]
A0PE[0]
0x00
TXA Per-Lane
Level Setting
0x4C1
Reserved
Reserved
Reserved
Reserved
A1OLEV[1]
A1OLEV[0]
A0OLEV[1]
A0OLEV[0]
0xAA
RXB Disable
0x80
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved
Reserved
RXDIS B1
RXDIS B0
0x00
RXB EQ
Setting
0x81
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
BEQ[3]
BEQ[2]
BEQ[1]
BEQ[0]
0x00
RXB LOS Ctrl
0x91
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved; set
to 0
LOS_FILT
Reserved;
set to 0
LOS_ENB
0x05
RXB Lane 1/
RXB Lane 0
EQ Setting
0x821
B1EQ[3]
B1EQ[2]
B1EQ[1]
B1EQ[0]
B0EQ[3]
B0EQ[2]
B0EQ[1]
B0EQ[0]
0x00
RXB P/N
Swap
0x841
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved; set
to 0
Reserved;
set to 0
PNB1
PNB0
0x00
RXB LOS
Status
0x851
Reserved
Reserved
LOSB1
sticky
LOSB0
sticky
Reserved
Reserved
LOSB1
active
LOSB0
active
TXB Disable
0x88
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved
Reserved
TXDIS B1
TXDIS B0
0x00
TXB Level/PE
Control
0x89
BLEV[1]
BLEV[0]
BPE[2]
BPE[1]
BPE[0]
0x20
TXB Lane1/
TXB Lane 0
PE Setting
0x8A1
B1PE[2]
B1PE[1]
B1PE[0]
B0PE[2]
B0PE[1]
B0PE[0]
0x00
TXB Per-Lane
Level Setting
0x8C1
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
B1OLEV[1]
B1OLEV[0]
B0OLEV[1]
B0OLEV[0]
0xAA
RXC Disable
0xC0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved;
set to 0
Reserved
Reserved
RXDIS C1
RXDIS C0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com