Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9547 Datasheet HTML 45Page - Analog Devices AD9547 Datasheet HTML 46Page - Analog Devices AD9547 Datasheet HTML 47Page - Analog Devices AD9547 Datasheet HTML 48Page - Analog Devices AD9547 Datasheet HTML 49Page - Analog Devices AD9547 Datasheet HTML 50Page - Analog Devices AD9547 Datasheet HTML 51Page - Analog Devices AD9547 Datasheet HTML 52Page - Analog Devices AD9547 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
AD9547
Rev. 0 | Page 49 of 104
If the condition is not tagged, the controller skips instructions
until it encounters a condition instruction that decodes as a
tagged condition. Note that the condition tag board allows
for multiple conditions to be tagged at any given moment.
This conditional processing mechanism enables the user to
have one download instruction sequence with many possible
outcomes, depending on the value of the condition and the
order in which the controller encounters the condition
instructions.
Table 28 lists a sample EEPROM download instruction
sequence. It illustrates the use of condition instructions
and how they alter the download sequence. The table
begins with the assumption that no conditions are in effect.
That is, the most recently executed condition instruction is
0xB0, or no conditional instructions have been processed.
Table 28. EEPROM Conditional Processing Example
Instruction
Action
0x08
Transfer the system clock register contents
regardless of the current condition
0x01
0x00
0xB1
Tag Condition 1
0x19
Transfer the clock distribution register
contents only if condition = 1
0x04
0x00
0xB2
Tag Condition 2
0xB3
Tag Condition 3
0x07
Transfer the reference input register contents
only if condition = 1, 2, or 3
0x05
0x00
0x0A
Calibrate the system clock only if condition =
1, 2, or 3
0xB0
Clear the condition tag board
0x80
Execute an I/O update, regardless of the value
of the condition
0x0A
Calibrate the system clock, regardless of the
value of the condition
Storing Multiple Device Setups in EEPROM
Conditional processing makes it possible to create a number
of different device setups, store them in EEPROM, and
download a specific setup on demand. To do so, first pro-
gram the device control registers for a specific setup. Then,
store an upload sequence in the EEPROM scratch pad with
the following general form:
1.
Condition instruction (0xB1 to 0xCF) to identify the
setup with a specific condition (1 to 31)
2.
Data instructions (to save the register contents) along
with any required calibrate and/or I/O update
instructions
3.
Pause instruction (0xFE)
With the upload sequence written to the scratch pad, perform
an EEPROM upload (Register 0x0E02, Bit 0).
Now reprogram the device control registers for the next desired
setup. Then store a new upload sequence in the EEPROM scratch
pad with the following general form:
1.
Condition Instruction 0xB0
2.
The next desired condition instruction (0xB1 to 0xCF, but
different from the one used during the previous upload to
identify a new setup)
3.
Data instructions (to save the register contents) along with
any required calibrate and/or I/O update instructions
4.
Pause instruction (FE)
With the upload sequence written to the scratch pad, perform
an EEPROM upload (Register 0x0E02, Bit 0).
Repeat the process of programming the device control registers
for a new setup, storing a new upload sequence in the EEPROM
scratch pad (Step 1 through Step 4) and executing an EEPROM
upload (Register 0x0E02, Bit 0) until all of the desired setups are
uploaded to the EEPROM.
Note that, on the final upload sequence stored in the scratch pad,
the pause instruction (FE) must be replaced with an end instruc-
tion (FF).
To download a specific setup on demand, first store the condition
associated with the desired setup in Register 0x0E01, Bits[4:0].
Then perform an EEPROM download (Register 0x0E03, Bit 1).
Alternatively, to download a specific setup at power-up, apply
the required logic levels necessary to encode the desired condition
on the M3 to M7 multifunction pins. Then power up the device,
and an automatic EEPROM download occurs. The condition
(as established by the M3 to M7 multifunction pins) guides the
download sequence and results in a specific setup.
Keep in mind that the number of setups that can be stored in the
EEPROM is limited. The EEPROM can hold a total of 2048 bytes.
Each nondata instruction requires one byte of storage. Each data
instruction, however, requires N + 4 bytes of storage, where N
is the number of transferred register bytes. The other four bytes
include the data instruction itself (one byte), the target address
(two bytes), and the checksum calculated by the EEPROM con-
troller during the upload sequence (one byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com