Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 78 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9547 Datasheet HTML 74Page - Analog Devices AD9547 Datasheet HTML 75Page - Analog Devices AD9547 Datasheet HTML 76Page - Analog Devices AD9547 Datasheet HTML 77Page - Analog Devices AD9547 Datasheet HTML 78Page - Analog Devices AD9547 Datasheet HTML 79Page - Analog Devices AD9547 Datasheet HTML 80Page - Analog Devices AD9547 Datasheet HTML 81Page - Analog Devices AD9547 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
AD9547
Rev. 0 | Page 78 of 104
PROFILE REGISTERS (REGISTER 0x0600 TO REGISTER 0x07FF)
Note that the default value of every bit is 0 for Profile 0 to Profile 7.
Register 0x0600 to Register 0x0631—Profile 0
Table 78. Priorities—Profile 0
Address
Bit
Bit Name
Description
0x0600
[7:6]
Unused
Unused.
[5:3]
Promoted priority
User-assigned priority level (0 to 7) of the reference associated with Profile 0 while that
reference is the active reference. The numeric value of the promoted priority must be less
than or equal to the numeric value of the selection priority.
[2:0]
Selection priority
User-assigned priority level (0 to 7) of the reference associated with Profile 0, which ranks
that reference relative to the others.
Table 79. Reference Period—Profile 0
Address
Bit
Bit Name
Description
0x0601
[7:0]
Reference period
(expressed in units of fs)
Nominal reference period, Bits[7:0].
0x0602
[7:0]
Nominal reference period, Bits[15:8].
0x0603
[7:0]
Nominal reference period, Bits[23:16].
0x0604
[7:0]
Nominal reference period, Bits[31:24].
0x0605
[7:0]
Nominal reference period, Bits[39:32].
0x0606
[7:0]
Unused.
Unused. Write 0s to these bits.
0x0607
[7:0]
Table 80. Tolerance—Profile 0
Address
Bit
Bit Name
Description
0x0608
[7:0]
Inner tolerance
Inner tolerance, Bits[7:0].
0x0609
[7:0]
Inner tolerance, Bits[15:8].
0x060A
[7:4]
Unused
Unused.
[3:0]
Inner tolerance
Inner tolerance, Bits[19:16].
0x060B
[7:0]
Outer tolerance
Outer tolerance, Bits[7:0].
0x060C
[7:0]
Outer tolerance, Bits[15:8].
0x060D
[7:4]
Unused
Unused.
[3:0]
Outer tolerance
Outer tolerance, Bits[19:16].
Table 81. Validation Timer—Profile 0
Address
Bit
Bit Name
Description
0x060E
[7:0]
Validation timer
(expressed in units of ms)
Validation timer, Bits[7:0].
0x060F
[7:0]
Validation timer, Bits[15:8].
Table 82. Redetect Timer—Profile 0
Address
Bit
Bit Name
Description
0x0610
[7:0]
Redetect timer
(expressed in units of ms)
Redetect timer, Bits[7:0].
0x0611
[7:0]
Redetect timer, Bits[15:8].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com