Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9547 Datasheet HTML 12Page - Analog Devices AD9547 Datasheet HTML 13Page - Analog Devices AD9547 Datasheet HTML 14Page - Analog Devices AD9547 Datasheet HTML 15Page - Analog Devices AD9547 Datasheet HTML 16Page - Analog Devices AD9547 Datasheet HTML 17Page - Analog Devices AD9547 Datasheet HTML 18Page - Analog Devices AD9547 Datasheet HTML 19Page - Analog Devices AD9547 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
AD9547
Rev. 0 | Page 16 of 104
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
20
I
Differential
input
CLKINN
Clock Distribution Input. In standard operating mode, this pin is connected to
the filtered DACOUTN output. This internally biased input is typically ac-coupled,
and, when configured as such, can accept any differential signal with a single-
ended swing of at least 400 mV.
21
I
Differential
input
CLKINP
Clock Distribution Input. In standard operating mode, this pin is connected to
the filtered DACOUTP output.
23
I
Power
AVDD
1.8 V Analog (Input Receiver) Power Supply.
24
O
Current set
resistor
OUT_RSET
Connect an optional 3.12 kΩ resistor from this pin to ground (see the Output
Current Control with an External Resistor section).
25, 31
I
Power
AVDD3
Analog Supply for Output Driver. These pins are normally 3.3 V but can be
1.8 V. Pin 25 powers OUT0. Pin 31 powers OUT1. Apply power to these pins
even if the corresponding outputs (OUT0P/OUT0N, OUT1P/OUT1N) are not
used
(see the Power Supply Partitions section).
26
O
LVPECL,
LVDS, or
CMOS
OUT0P
Output 0. This output can be configured as LVPECL, LVDS, or single-ended
CMOS. LVPECL and LVDS operation require a 3.3 V output driver power
supply. CMOS operation can be either 1.8 V or 3.3 V, depending on the output
driver power supply.
27
O
LVPECL,
LVDS, or
CMOS
OUT0N
Complementary Output 0. This output can be configured as LVPECL, LVDS, or
single-ended CMOS.
28, 32
I
Power
AVDD
1.8 V Analog (Output Divider) Power Supply.
29
O
LVPECL,
LVDS, or
CMOS
OUT1P
Output 1. This output can be configured as LVPECL, LVDS, or single-ended
CMOS. LVPECL and LVDS operation require a 3.3 V output driver power
supply. CMOS operation can be either 1.8 V or 3.3 V, depending on the output
driver power supply.
30
O
LVPECL,
LVDS, or
CMOS
OUT1N
Complementary Output 1. This output can be configured as LVPECL, LVDS, or
single-ended CMOS.
33
I
Power
AVDD3
3.3 V Analog (System Clock) Power Supply.
34
I
SYSCLK_VREG
System Clock Loop Filter Voltage Regulator. Connect a 0.1 μF capacitor from
this pin to ground. This pin is also the ac ground reference for the integrated
external loop filter of the SYSCLK PLL multiplier (see the SYSCLK PLL Multiplier
section).
35
O
SYSCLK_LF
System Clock Multiplier Loop Filter. When using the frequency multiplier to
drive the system clock, an external loop filter can be attached to this pin.
36, 39
I
Power
AVDD
1.8 V Analog (System Clock) Power Supply.
37
I
Differential
input
SYSCLKN
Complementary System Clock Input. Complementary signal to SYSCLKP.
SYSCLKN contains internal dc biasing and should be ac-coupled with a 0.01 μF
capacitor, except when using a crystal. When using a crystal, connect it across
SYSCLKP and SYSCLKN.
38
I
Differential
input
SYSCLKP
System Clock Input. SYSCLKP contains internal dc biasing and should be ac-
coupled with a 0.01 μF capacitor, except when using a crystal. When using a
crystal, connect it directly across SYSCLKP and SYSCLKN. Single-ended 1.8 V
CMOS is also an option but can introduce a spur if the duty cycle is not 50%.
When using SYSCLKP as a single-ended input, connect a 0.01 μF capacitor
from SYSCLKN to ground.
40, 41
I
TDC_VRB,
TDC_VRT
Use capacitive decoupling on these pins (see Figure 36).
42
I
Power
AVDD
1.8 V Analog (Time-to-Digital Converter) Power Supply.
43, 49
I
Power
AVDD3
3.3 V Analog (Reference Input) Power Supply.
44
I
Differential
input
REFA
Reference A Input. This internally biased input is typically ac-coupled and,
when configured as such, can accept any differential signal with a single-
ended swing of up to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
45
I
Differential
input
REFAA
Complementary Reference A Input. Complementary signal to the input pro-
vided on Pin 44. The user can configure this pin as a separate single-ended input.
46, 50
I
Power
AVDD
1.8 V Analog (Reference Input) Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com