Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9547 Datasheet HTML 93Page - Analog Devices AD9547 Datasheet HTML 94Page - Analog Devices AD9547 Datasheet HTML 95Page - Analog Devices AD9547 Datasheet HTML 96Page - Analog Devices AD9547 Datasheet HTML 97Page - Analog Devices AD9547 Datasheet HTML 98Page - Analog Devices AD9547 Datasheet HTML 99Page - Analog Devices AD9547 Datasheet HTML 100Page - Analog Devices AD9547 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
AD9547
Rev. 0 | Page 97 of 104
Table 154. EEPROM Storage Sequence for Profile 4 and Profile 5 Settings
Address
Bit
Bit Name
Description
0x0E28
[7:0]
Profile 4 and Profile 5
The default value of this register is 0x63, which the controller interprets as a data instruction.
Its decimal value is 99, which tells the controller to transfer 100 bytes of data (99 + 1)
beginning at the address specified by the next two bytes. The controller stores 0x63 in the
EEPROM and increments the EEPROM address pointer.
0x0E29
[7:0]
Profile 4 and Profile 5
The default value of these two registers is 0x0700. Note that Register
0x0E29 and Register 0x0E2A
are the most significant and least significant bytes of the target address, respectively. Because
the previous register contains a data instruction, these two registers define a starting address
(in this case, 0x0700). The controller stores 0x0700 in the EEPROM and increments the EEPROM
pointer by 2. It then transfers 100 bytes from the register map (beginning at Address 0x0700)
to the EEPROM and increments the EEPROM address pointer by 101 (100 data bytes and one
checksum byte). The 99 bytes transferred correspond to the Profile 4 and Profile 5 parameters
in the register map.
0x0E2A
[7:0]
Table 155. EEPROM Storage Sequence for Profile 6 and Profile 7 Settings
Address
Bit
Bit Name
Description
0x0E2B
[7:0]
Profile 6 and Profile 7
The default value of this register is 0x63, which the controller interprets as a data instruction.
Its decimal value is 99, this tells the controller to transfer 100 bytes of data (99 + 1) beginning
at the address specified by the next two bytes. The controller stores 0x63 in the EEPROM and
increments the EEPROM address pointer.
0x0E2C
[7:0]
Profile 6 and Profile 7
The default value of these two registers is 0x0780. Note that Register 0x0E2C and Register 0x0E2D
are the most significant and least significant bytes of the target address, respectively. Because
the previous register contains a data instruction, these two registers define a starting address
(in this case, 0x0780). The controller stores 0x0780 in the EEPROM and increments the EEPROM
pointer by 2. It then transfers 100 bytes from the register map (beginning at Address 0x0780)
to the EEPROM and increments the EEPROM address pointer by 101 (100 data bytes and one
checksum byte). The 99 bytes transferred correspond to the Profile 6 and Profile 7 parameters
in the register map.
0x0E2D
[7:0]
0x0E2E
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O update
instruction. The controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.
Table 156. EEPROM Storage Sequence for Operational Control Settings
Address
Bit
Bit Name
Description
0x0E2F
[7:0]
Operational controls
The default value of this register is 0x10, which the controller interprets as a data instruction.
Its decimal value is 16, this tells the controller to transfer 17 bytes of data (16 + 1) beginning at
the address specified by the next two bytes. The controller stores 0x10 in the EEPROM and
increments the EEPROM address pointer.
0x0E30
[7:0]
Operational controls
The default value of these two registers is 0x0A00. Note that Register 0x0E30 and Register 0x0E31
are the most significant and least significant bytes of the target address, respectively. Because
the previous register contains a data instruction, these two registers define a starting address
(in this case, 0x0A00). The controller stores 0x0A00 in the EEPROM and increments the EEPROM
pointer by 2. It then transfers 17 bytes from the register map (beginning at Address 0x0A00) to
the EEPROM and increments the EEPROM address pointer by 18 (17 data bytes and one checksum
byte). The 17 bytes transferred correspond to the operational controls parameters in the
register map.
0x0E31
[7:0]
0x0E32
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O update
instruction. The controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.
Table 157. EEPROM Storage Sequence for End of Data
Address
Bit
Bit Name
Description
0x0E33
[7:0]
End of data
The default value of this register is 0xFF, which the controller interprets as an end instruction.
The controller stores this instruction in the EEPROM, resets the EEPROM address pointer, and
enters an idle state. Note that, if this were a pause rather than an end instruction, the controller
actions would be the same except that the controller would not reset the EEPROM address pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com