Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9547 Datasheet HTML 27Page - Analog Devices AD9547 Datasheet HTML 28Page - Analog Devices AD9547 Datasheet HTML 29Page - Analog Devices AD9547 Datasheet HTML 30Page - Analog Devices AD9547 Datasheet HTML 31Page - Analog Devices AD9547 Datasheet HTML 32Page - Analog Devices AD9547 Datasheet HTML 33Page - Analog Devices AD9547 Datasheet HTML 34Page - Analog Devices AD9547 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
AD9547
Rev. 0 | Page 31 of 104
A
ACTIVE
AA
ACTIVE
B
ACTIVE
A FAULTED
AA FAULTED
ALL VALID
INITIAL
STATE
A VALID
AA VALID
A VALID
AA VALID
INPUT
PRIORITY
PROMOTED
A0
0
AA
1
0
B2
1
BB
3
2
PRIORITY TABLE
COMMON
WITHOUT PROMOTION
WITH PROMOTION
Figure 33. Example of Priority Promotion
PROFILE
SELECTION
VALIDATION
LOGIC
PRIORITY
SELECTION
÷R
MONITORS
REF A/REF AA
REF B/REF BB
TDC
LOOP
CONTROLLER
Figure 34. Reference Clock Block Diagram
Phase Build-Out Reference Switching
Phase build-out reference switching is the term given to a ref-
erence switchover that completely masks any phase difference
between the previous reference and the new reference. That is,
there is virtually no phase change that can be detected at the
output when a phase build-out switchover occurs.
The AD9547 handles phase build-out switching based on whether
the new reference is a phase master. A phase master is any reference
with a selection priority value that is less than the phase master
threshold priority value (that is, higher priority). The phase master
threshold priority value resides in the phase build-out switching
register (Address 0x0507), and the selection priority resides in the
profile registers (Address 0x0600 to Address 0x07FF). By default,
the phase master threshold priority is 0; therefore, no references
can be phase masters until the user changes the phase master
threshold priority.
When the AD9547 switches from one reference to another, it
compares the selection priority value that is stored in the profile
that is assigned to the new reference with the phase master
threshold priority. The AD9547 performs a phase build-out
switchover only if the new reference is not a phase master.
Hitless Reference Switching (Phase Slew Control)
Hitless reference switching is the term given to a reference switch-
over that limits the rate of change of the phase of the output clock
while the PLL is in the process of acquiring phase lock. This
prevents the output frequency offset from becoming excessive.
The all-digital nature of the DPLL core (see the Digital Phase-
Locked Loop (DPLL) Core section) gives the user numerical
control of the rate at which phase changes occur at the DPLL
output. When enabled, a phase slew controller monitors the
phase difference between the feedback and reference inputs to the
DPLL. The phase slew controller can place a user-specified limit on
the rate of change of phase, thus providing a mechanism for
hitless reference switching.
The user sets a limit on the rate of change of phase by storing
the appropriate value in the 16-bit phase slew rate limit register
(Address 0x0316 and Address 0x0317). The 16-bit word, which
represents units of ns/sec, puts an upper bound on the rate of
change of the phase at the output of the DPLL during a reference
switchover. A phase slew rate value of 0 (default) disables the
phase slew controller.
The accuracy of the phase slew controller depends on both the
phase slew limit value and the system clock frequency. Generally,
an increase in the phase slew rate limit value or a decrease in
the system clock frequency tends to reduce the error. Therefore,
the accuracy is best for the largest phase slew rate limit value and
the lowest system clock frequency. For example, assuming the
use of a 1 GHz system clock, a phase slew rate limit value of
315 ns/sec (or more) ensures an error of <10%, whereas a phase
slew rate limit value above ~3100 ns/sec ensures an error of <1%.
On the other hand, assuming the use of a 500 MHz system clock,
the same phase slew rate limit values ensure an error of <5% or
0.5%, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com