Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9547 Datasheet(PDF) 89 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9547 Datasheet HTML 85Page - Analog Devices AD9547 Datasheet HTML 86Page - Analog Devices AD9547 Datasheet HTML 87Page - Analog Devices AD9547 Datasheet HTML 88Page - Analog Devices AD9547 Datasheet HTML 89Page - Analog Devices AD9547 Datasheet HTML 90Page - Analog Devices AD9547 Datasheet HTML 91Page - Analog Devices AD9547 Datasheet HTML 92Page - Analog Devices AD9547 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
AD9547
Rev. 0 | Page 89 of 104
Table 120. Cal/Sync
Address
Bit
Bit Name
Description
0x0A02
[7:2]
Unused
Unused.
1
Sync distribution
Setting this bit (default = 0) initiates synchronization of the clock distribution output. When
this bit = 1, the clock distribution output stalls. Synchronization occurs on the 1 to 0 transition of
this bit.
0
Calibrate SYSCLK
Setting this bit (default = 0) initiates an internal calibration of the SYSCLK PLL (assuming it is
enabled). The calibration routine automatically selects the proper VCO frequency band and
signal amplitude. The internal system clock stalls during the calibration procedure, disabling
the device until calibration is complete (a few ms).
Register 0x0A03—Reset Functions
Table 121. Reset Functions1
Address
Bit
Bit Name
Description
0x0A03
7
Unused
Unused.
6
Clear LF
Setting this bit (default = 0) clears the digital loop filter (intended as a debug tool).
5
Clear CCI
Setting this bit (default = 0) clears the CCI filter (intended as a debug tool).
4
Clear phase accumulator
Setting this bit (default = 0) clears DDS phase accumulator (not a recommended action).
3
Reset auto sync
Setting this bit (default = 0) resets the automatic synchronization logic (see Register 0x0403).
2
Reset TW history
Setting this bit (default = 0) resets the tuning word history logic (part of holdover
functionality).
1
Reset all IRQs
Setting this bit (default = 0) clears the entire IRQ monitor register (Register 0x0D02 to
Register 0x0D09). It is the equivalent of setting all the bits of the IRQ clearing register
(Register 0x0A04 to Register 0x0A0B).
0
Reset watchdog
Setting this bit (default = 0) resets the watchdog timer (see Register 0x0211 to Register 0x0212).
If the timer times out, it simply starts a new timing cycle. If the timer has not yet timed out,
it restarts at Time 0 without causing a timeout event. Continuously resetting the watchdog
timer at intervals less than its timeout period prevents the watchdog timer from generating
a timeout event.
1 All bits in this register are autoclearing.
Register 0x0A04 to Register 0x0A0B—IRQ Clearing
The IRQ clearing registers are identical in format to the IRQ monitor registers (Address 0x0D02 to Address 0x0D09). When set to Logic 1,
an IRQ clearing bit resets the corresponding IRQ monitor bit, thereby canceling the interrupt request for the indicated event. The IRQ
clearing register is an autoclearing register.
Table 122. IRQ Clearing for SYSCLK
Address
Bit
Bit Name
Description
0x0A04
[7:6]
Unused
Unused.
5
SYSCLK unlocked
Clears SYSCLK unlocked IRQ.
4
SYSCLK locked
Clears SYSCLK locked IRQ.
[3:2]
Unused
Unused.
1
SYSCLK cal complete
Clears SYSCLK calibration complete IRQ.
0
SYSCLK cal started
Clears SYSCLK calibration started IRQ.
Table 123. IRQ Clearing for Distribution Sync, Watchdog Timer, and EEPROM
Address
Bit
Bit Name
Description
0x0A05
[7:4]
Unused
Unused.
3
Distribution sync
Clears distribution sync IRQ.
2
Watchdog timer
Clears watchdog timer IRQ.
1
EEPROM fault
Clears EEPROM fault IRQ.
0
EEPROM complete
Clears EEPROM complete IRQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com