Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9572ACPZLVD-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9572ACPZLVD-R7
Description  Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9572ACPZLVD-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9572ACPZLVD-R7 Datasheet HTML 2Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 3Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 4Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 5Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 6Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 7Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 8Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 9Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD9572
Rev. 0 | Page 6 of 20
CLOCK OUTPUTS
Typical (typ) is given for VS = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum (min) and maximum (max) values are given
over full VS and TA (−40°C to +85°C) variation.
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Output Frequency
156.25
MHz
Output High Voltage (VOH)
VS − 1.24
VS − 1.05
VS − 0.83
V
Output Low Voltage (VOL)
VS − 2.07
VS − 1.87
VS − 1.62
V
Output Differential Voltage (VOD)
700
825
950
mV
Duty Cycle
45
55
%
LVDS CLOCK OUTPUTS
Output Frequency
156.25
MHz
Differential Output Voltage (VOD)
250
350
475
mV
Delta VOD
25
mV
Output Offset Voltage (VOS)
1.125
1.25
1.375
V
Delta VOS
25
mV
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND
Duty Cycle
45
55
%
CMOS CLOCK OUTPUTS
Output Frequency
33.33
MHz
Output High Voltage (VOH)
VS − 0.1
V
Sourcing 1.0 mA current
Output Low Voltage (VOL)
0.1
V
Sinking 1.0 mA current
Duty Cycle
42
58
%
TIMING CHARACTERISTICS
Typical (typ) is given for VS = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum (min) and maximum (max) values are given
over full VS and TA (−40°C to +85°C) variation.
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL
Termination = 200 Ω to 0 V; CLOAD = 0 pF
Output Rise Time, tRP
480
625
810
ps
20% to 80%, measured differentially
Output Fall Time, tFP
480
625
810
ps
80% to 20%, measured differentially
LVDS
Termination = 100 Ω differential; CLOAD = 0 pF
Output Rise Time, tRL
160
350
540
ps
20% to 80%, measured differentially
Output Fall Time, tFL
160
350
540
ps
80% to 20%, measured differentially
CMOS
Termination = 50 Ω to 0 V; CLOAD = 5 pF
Output Rise Time, tRC
0.25
0.50
2.5
ns
20% to 80%
Output Fall Time, tFC
0.25
0.70
2.5
ns
80% to 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com