Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9572ACPZLVD-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9572ACPZLVD-R7
Description  Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9572ACPZLVD-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9572ACPZLVD-R7 Datasheet HTML 3Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 4Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 5Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 6Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 7Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 8Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 9Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 10Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD9572
Rev. 0 | Page 7 of 20
CONTROL PINS
Typical (typ) is given for VS = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum (min) and maximum (max) values are given
over full VS and TA (−40°C to +85°C) variation.
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS
REFSEL Pin
REFSEL has a 30 kΩ pull-up resistor.
Logic 1 Voltage
2.0
V
Logic 0 Voltage
0.8
V
Logic 1 Current
1.0
μA
Logic 0 Current
155
μA
FREQSEL Pin
FREQSEL has a 150 kΩ pull-up resistor and a
100 kΩ pull-down resistor.
Logic 1 Voltage
2/3(VS) + 0.2
V
Logic 0 Voltage
1/3(VS) − 0.2
V
Logic 1 Current
45
μA
Logic 0 Current
30
μA
FORCE_LOW Pin
FORCE_LOW has a 16 kΩ pull-down resistor.
Logic 1 Voltage
2.0
V
Logic 0 Voltage
0.8
V
Logic 1 Current
240
μA
Logic 0 Current
2.0
μA
POWER
Typical (typ) is given for VS = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum (min) and maximum (max) values are given
over full VS and TA (−40°C to +85°C) variation.
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Power Supply
3.0
3.3
3.6
V
LVDS Power Dissipation
715
870
mW
LVPECL Power Dissipation
1075
1305
mW
CRYSTAL OSCILLATOR
Typical (typ) is given for VS = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum (min) and maximum (max) values are given
over full VS and TA (−40°C to +85°C) variation.
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CRYSTAL SPECIFICATION
Fundamental mode
Frequency
25
MHz
ESR
50
Ω
Load Capacitance
14
pF
Phase Noise
−135
dBc/Hz
@ 1 kHz offset
Stability
−30
+30
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com