Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9572ACPZLVD-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9572ACPZLVD-R7
Description  Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9572ACPZLVD-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9572ACPZLVD-R7 Datasheet HTML 8Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 9Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 10Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 11Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 12Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 13Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 14Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 15Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD9572
Rev. 0 | Page 12 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Both 100 MHz and 125 MHz outputs enabled; 33.3 MHz output disabled.
–100
–150
–140
–130
–120
–110
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
–160
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 7. 106.25 MHz Phase Noise
–100
–150
–140
–130
–120
–110
–160
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 8. 125 MHz Phase Noise
–100
–150
–140
–130
–120
–110
–160
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 9. 25 MHz Phase Noise
Figure 10. 156.25 MHz Phase Noise
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 11. 100 MHz Phase Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com