Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9572ACPZLVD-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9572ACPZLVD-R7
Description  Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9572ACPZLVD-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9572ACPZLVD-R7 Datasheet HTML 12Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 13Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 14Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 15Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 16Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 17Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 18Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 19Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD9572
Rev. 0 | Page 17 of 20
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FORPROPERCONNECTIONOF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.25 MIN
*4.80
4.70 SQ
4.50
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD-5
WITH EXCEPTION TO EXPOSED PAD DIMENSION.
40
1
11
20
21
30
31
10
Figure 21. 40-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
6 mm × 6 mm Body, Very Very Thin Quad
(CP-40-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9572ACPZLVD1, 2
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-40-7
AD9572ACPZLVD-RL1, 2
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ],
7”Tape Reel, 2,500 Pieces
CP-40-7
AD9572ACPZLVD-R71, 2
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ],
7”Tape Reel, 750 Pieces
CP-40-7
AD9572ACPZPEC1, 3
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-40-7
AD9572ACPZPEC-RL1, 3
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ],
7”Tape Reel, 2,500 Pieces
CP-40-7
AD9572ACPZPEC-R71, 3
−40°C to +85°C
40-Lead Lead Frame Chip Scale Package [LFCSP_WQ],
7”Tape Reel, 750 Pieces
CP-40-7
AD9572-EVALZ-LVD1, 2
Evaluation Board
AD9572-EVALZ-PEC1, 3
Evaluation Board
1 Z = RoHS Compliant Part.
2 LVD indicates LVDS compliant, differential clock outputs.
3 PEC indicates LVPECL compliant, differential clock outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com