Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9572ACPZLVD-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9572ACPZLVD-R7
Description  Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9572ACPZLVD-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9572ACPZLVD-R7 Datasheet HTML 10Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 11Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 12Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 13Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 14Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 15Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 16Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 17Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD9572
Rev. 0 | Page 14 of 20
THEORY OF OPERATION
REFSEL
XTAL
OSC
REFCLK
VS
VS
BYPASS1
GND
1
0
AD9572
DIVIDE
BY 5
DIVIDE
BY 4
DIVIDE
BY 5
DIVIDE
BY 3
33M
FORCE_LOW
CMOS
33.33MHz
0
1
1
0
125MHz/100MHz
LVPECL/
LVDS
100M/125M
100M/125M
100M/125M
100M/125M
125MHz/100MHz
LVPECL/
LVDS
25M
CMOS
LDO
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
DIVIDE
BY 17
DIVIDE
BY 5
DIVIDE
BY 4
VLDO
VCO
106M
106M
LVPECL/
LVDS
106.25MHz
106M
106M
LDO
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
DIVIDE
BY 25
DIVIDE
BY 4
DIVIDE
BY 4
VLDO
VCO
156M
156M
156.25MHz
LVPECL/
LVDS
BYPASS2
LEVEL
DECODE
FREQSEL
Figure 12. Detailed Block Diagram
Figure 12 shows a block diagram of the AD9572. The chip
combines dual PLL cores, which are configured to generate the
specific clock frequencies required for networking applications,
without any user programming. This PLL is based on proven
Analog Devices synthesizer technology, noted for its exceptional
phase noise performance. The AD9572 is highly integrated and
includes loop filters, regulators for supply noise immunity, all
the necessary dividers with multiple output buffers in a choice
of formats, and a crystal oscillator. A user need only supply a
25 MHz reference clock or an external crystal to implement an
entire line card clocking solution
that does not require any processor intervention. A copy of
the 25 MHz reference source is also available.
OUTPUTS
Table 14 provides a summary of the outputs available.
Table 14. Output Formats
Frequency
Format
Copies
25 MHz
CMOS
1
106.25 MHz
LVPECL/LVDS
2
156.25 MHz
LVPECL/LVDS
1
100 MHz or 125 MHz
LVPECL/LVDS
2
33.33 MHz
CMOS
1
Note that the pins labeled 100M/125M can provide 100 MHz or
125 MHz by strapping the FREQSEL pin as shown in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com