Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9572ACPZLVD-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9572ACPZLVD-R7
Description  Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9572ACPZLVD-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9572ACPZLVD-R7 Datasheet HTML 7Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 8Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 9Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 10Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 11Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 12Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 13Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 14Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD9572
Rev. 0 | Page 11 of 20
Pin No.
Mnemonic
Description
33
VS
Power Supply Connection for the 106.25 MHz LVDS Output Buffer and Output Dividers.
35
VS
Power Supply Connection for the FC VCO.
37
FORCE_LOW
Forces the 33.33 MHz output into a low state.
39
VS
Power Supply Connection for the FC PLL.
40
VS
Power Supply Connection for Miscellaneous Logic.
1 The exposed paddle on this package is an electrical connection as well as a thermal enhancement. For the device to function properly, the paddle must be attached to
ground (GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com