Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9572ACPZLVD-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9572ACPZLVD-R7
Description  Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9572ACPZLVD-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9572ACPZLVD-R7 Datasheet HTML 6Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 7Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 8Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 9Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 10Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 11Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 12Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 13Page - Analog Devices AD9572ACPZLVD-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9572
Rev. 0 | Page 10 of 20
NOTES
1. * = SHORT TO PIN 36.
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2. ** = SHORT TO PIN 14.
3. NC = NO CONNECT.
4. NOTE THAT THE EXPOSED PADDLE ON THIS PACKAGE IS AN ELECTRICAL
CONNECTION AS WELL AS A THERMAL ENHANCEMENT. FOR THE DEVICE TO
FUNCTION PROPERLY, THE PADDLE MUST BE ATTACHED TO GROUND (GND).
PIN 1
INDICATOR
1
GND
2
VS
3
NC
4
25M
5
VS
6
XO
7
XO
8
REFCLK
9
REFSEL
10
GND
23 33M
24 VS
25 VS
26 VS
27 FREQSEL
28 VS
29 106M
30 106M
22 100M/125M
21 100M/125M
TOP VIEW
(Not to Scale)
AD9572
Figure 6. Pin Configuration
Table 13. Pin Function Descriptions1
Pin No.
Mnemonic
Description
3
NC
No Connect. This pin should be left floating.
2
VS
Power Supply Connection for the 25M CMOS Buffer.
4
25M
CMOS 25 MHz Output.
5
VS
Power Supply Connection for the Crystal Oscillator.
6, 7
XO
External 25 MHz Crystal.
8
REFCLK
25 MHz Reference Clock Input. Tie low when not in use.
9
REFSEL
Logic Input. Used to select the reference source.
11
VS
Power Supply Connection for the GbE PLL.
1, 10, 34
GND
Ground. Includes external paddle (EPAD).
14, 36
BYPASS2, BYPASS1
These pins are for bypassing each LDO to ground with a 220 nF capacitor.
15
VS
Power Supply Connection for the GbE VCO.
16
VS
Power Supply Connection for the 156M LVDS Output Buffer and Output Dividers.
17
156M
LVPECL/LVDS Output at 156.25 MHz.
18
156M
Complementary LVPECL/LVDS Output at 156.25 MHz.
19, 21
100M/125M
LVPECL/LVDS Output at 100 MHz or 125 MHz. Selected by FREQSEL pin strapping.
20, 22
100M/125M
Complementary LVPECL/LVDS Output at 100 MHz or 125 MHz.
23
33M
CMOS 33.33 MHz Output.
24
VS
Power Supply Connection for the 33M CMOS Output Buffer and Output Dividers.
25
VS
Power Supply Connection for the 100M/125M LVDS Output Buffer and Output Dividers.
26
VS
Power Supply Connection for the GbE PLL Feedback Divider.
27
FREQSEL
Logic Input. Used to configure output drivers.
28
VS
Power Supply Connection for the FC PLL Feedback Divider.
29, 31
106M
LVPECL/LVDS Output at 106.25 MHz.
30, 32
106M
Complementary LVPECL/LVDS Output at 106.25 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com