Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5355ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5355ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5355ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1200 MHz to 2500 MHz Balanced Mixer,
LO Buffer, IF Amplifier, and RF Balun
ADL5355
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
RF frequency range of 1200 MHz to 2500 MHz
IF frequency range of 30 MHz to 450 MHz
Power conversion gain: 8.4 dB
SSB noise figure of 9.2 dB
SSB noise figure with 5 dBm blocker of 20 dB
Input IP3 of 27 dBm
Input P1dB of 10.4 dBm
Typical LO drive of 0 dBm
Single-ended, 50 Ω RF and LO input ports
High isolation SPDT LO input switch
Single-supply operation: 3.3 V to 5 V
Exposed paddle 5 mm × 5 mm, 20-lead LFCSP
1500 V HBM/500 V FICDM ESD performance
APPLICATIONS
Cellular base station receivers
Transmit observation receivers
Radio link downconverters
GENERAL DESCRIPTION
The ADL5355 uses a highly linear, doubly balanced passive
mixer core along with integrated RF and LO balancing circuitry
to allow for single-ended operation. The ADL5355 incorporates
an RF balun, allowing for optimal performance over a 1200 MHz
to 2500 MHz RF input frequency range using low-side LO
injection for RF frequencies from 1700 MHz to 2500 MHz and
high-side LO injection for RF frequencies from 1200 MHz to
1700 MHz. The balanced passive mixer arrangement provides
good LO-to-RF leakage, typically better than −39 dBm, and
excellent intermodulation performance. The balanced mixer
core also provides extremely high input linearity, allowing the
device to be used in demanding cellular applications where in-
band blocking signals may otherwise result in the degradation
of dynamic performance. A high linearity IF buffer amplifier
follows the passive mixer core to yield a typical power conversion
gain of 8.4 dB and can be used with a wide range of output
impedances.
FUNCTIONAL BLOCK DIAGRAM
2
3
1
20
19
18
17
16
6
7
8
9
10
4
5
14
13
15
12
BIAS
GENERATOR
VPIF
RFIN
RFCT
COMM
COMM
LOI2
VPSW
VGS1
VGS0
LOI1
IFGM
IFOP
IFON
PWDN
LEXT
VLO3
LGM3
VLO2
LOSW
NC
ADL5355
NC = NO CONNECT
11
Figure 1.
The ADL5355 provides two switched LO paths that can be
used in TDD applications where it is desirable to rapidly switch
between two local oscillators. LO current can be externally set
using a resistor to minimize dc current commensurate with the
desired level of performance. For low voltage applications, the
ADL5355 is capable of operation at voltages down to 3.3 V with
substantially reduced current. Under low voltage operation, an
additional logic pin is provided to power down (<200 μA) the
circuit when desired.
The ADL5355 is fabricated using a BiCMOS high performance
IC process. The device is available in a 5 mm × 5 mm, 20-lead
LFCSP and operates over a −40°C to +85°C temperature range.
An evaluation board is also available.


Similar Part No. - ADL5355ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5355 AD-ADL5355 Datasheet
990Kb / 24P
2300 MHz to 2900 MHz Balanced Mixer
REV. 0
ADL5355 AD-ADL5355 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5355 AD-ADL5355 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results

Similar Description - ADL5355ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5365 AD-ADL5365 Datasheet
581Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5367 AD-ADL5367 Datasheet
578Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5812 AD-ADL5812 Datasheet
693Kb / 28P
Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com