Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5355ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5355ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5355ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5355
Rev. 0 | Page 14 of 24
0
10
5
15
RF FREQUENCY (GHz)
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
SSB NOISE FIGURE
CONVERSION GAIN
VGS = 00
VGS = 01
VGS = 10
VGS = 11
Figure 39. Power Conversion Gain and SSB Noise Figure vs. RF Frequency
RF FREQUENCY (GHz)
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
6
8
10
12
14
16
18
20
16
18
20
22
24
26
28
30
INPUT IP3
INPUT
P1dB
VGS = 00
VGS = 01
VGS = 10
VGS = 11
Figure 40. Input IP3 and Input P1dB vs. RF Frequency
0
5
10
15
20
25
30
6
7
8
9
10
11
12
0.6
0.8
1.0
1.2
1.4
1.6
1.8
LO BIAS RESISTOR VALUE (kΩ)
CONVERSION GAIN
SSB NOISE FIGURE
INPUT IP3
Figure 41. Power Conversion Gain, SSB Noise Figure, and
Input IP3 vs. LO Bias Resistor Value
0
5
10
15
20
25
30
–30
–25
–20
–15
–10
–5
0
5
10
BLOCKER POWER (dBm)
Figure 42. SSB Noise Figure vs.10 MHz Offset Blocker Level
60
70
80
90
100
110
120
130
140
150
160
600
800
1000
1200
1400
1600
1800
BIAS RESISTOR VALUE (Ω)
R9 LO SET RESISTOR
R14 IF SET RESISTOR
Figure 43. LO and IF Supply Current vs. IF and LO Bias Resistor Value
0
5
10
15
20
25
30
6
7
8
9
10
11
12
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
IF BIAS RESISTOR VALUE (kΩ)
CONVERSION GAIN
SSB NOISE FIGURE
INPUT IP3
Figure 44. Power Conversion Gain, SSB Noise Figure, and
Input IP3 vs. IF Bias Resistor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com