Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5355ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5355ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5355ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADL5355
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
5 V Performance........................................................................... 4
 
3.3 V Performance........................................................................ 4
 
Spur Tables .................................................................................... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
5 V Performance........................................................................... 8
 
3.3 V Performance...................................................................... 15
 
Circuit Description......................................................................... 16
 
RF Subsystem.............................................................................. 16
 
LO Subsystem ............................................................................. 17
 
Applications Information .............................................................. 18
 
Basic Connections...................................................................... 18
 
IF Port .......................................................................................... 18
 
Bias Resistor Selection ............................................................... 18
 
Mixer VGS Control DAC .......................................................... 18
 
Evaluation Board ............................................................................ 20
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 23
 
REVISION HISTORY
7/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com