Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5355ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5355ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5355ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5355
Rev. 0 | Page 11 of 24
0
1
2
3
4
5
6
7
8
9
10
–6
–4
–2
0
2
4
6
LO POWER (dBm)
810
TA = +25°C
TA = +85°C
TA = –40°C
Figure 21. Power Conversion Gain vs. LO Power
0
35
30
25
20
15
10
5
–6
–4
–2
02468
10
LO POWER (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 22. Input IP3 vs. LO Power
30
65
60
55
50
45
40
35
–6
–4
–2
0
2
4
6
LO POWER (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
810
Figure 23. Input IP2 vs. LO Power
14
12
10
8
6
4
2
0
–6
–4
–2
0
2
4
6
8
10
LO POWER (dBm)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 24. Input P1dB vs. LO Power
–75
–70
–65
–60
–55
–50
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 25. IF/2 Spurious vs. RF Frequency
–80
–75
–70
–65
–60
–55
–50
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
RF FREQUENCY (GHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 26. IF/3 Spurious vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com