Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5355ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5355ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5355ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5355
Rev. 0 | Page 10 of 24
150
160
170
180
190
200
210
220
230
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 15. Supply Current vs. IF Frequency
0
2
4
6
8
10
12
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 16. Power Conversion Gain vs. IF Frequency
0
5
10
15
20
25
30
35
40
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 17. Input IP3 vs. IF Frequency
0
10
20
30
40
50
60
70
30
80
130180
230280
330380430
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 18. Input IP2 vs. IF Frequency
0
2
4
6
8
10
12
30
80
130180
230280
330380430
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Input P1dB vs. IF Frequency
5
15
14
13
12
11
10
9
8
7
6
30
430
380
330
280
230
180
130
80
IF FREQUENCY (MHz)
Figure 20. SSB Noise Figure vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com