Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5355ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5355ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5355ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADL5355
Rev. 0 | Page 15 of 24
3.3 V PERFORMANCE
VS = 3.3 V, IS = 125 mA, TA = 25°C, fRF = 1950 MHz, fLO = 1750 MHz, LO power = 0 dBm, R9 = 226 Ω, R14 = 604 Ω, VGS0 = VGS1 = 0 V,
and ZO = 50 Ω, unless otherwise noted.
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
100
105
110
115
120
125
130
135
140
145
150
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 45. Supply Current vs. RF Frequency at 3.3 V
0
2
4
6
8
10
12
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 46. Power Conversion Gain vs. RF Frequency at 3.3 V
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
0
5
10
15
20
25
30
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 47. Input IP3 vs. RF Frequency at 3.3 V
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
0
10
20
30
40
50
60
70
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 48. Input IP2 vs. RF Frequency at 3.3 V
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
0
2
4
6
8
10
12
14
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 49. Input P1dB vs. RF Frequency at 3.3 V
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
RF FREQUENCY (GHz)
TA = +25°C
2
4
6
8
10
12
14
TA = +85°C
TA = –40°C
Figure 50. SSB Noise Figure vs. RF Frequency at 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com