Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5355ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5355ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5355ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5355ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5355ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5355
Rev. 0 | Page 12 of 24
0
10
20
30
40
50
60
70
80
90
100
7.0
7.5
8.0
8.5
9.0
9.5
10.0
CONVERSION GAIN (dB)
Figure 27. Conversion Gain Distribution
0
10
20
30
40
50
60
70
80
90
100
22
24
26
28
30
32
34
INPUT IP3 (dBm)
Figure 28. Input IP3 Distribution
0
10
20
30
40
50
60
70
80
90
100
INPUT P1dB (dBm)
8
9
10
11
12
13
14
Figure 29. Input P1dB Distribution
80
130
180
230
280
330
380
30
430
100
200
300
400
0
500
2
4
6
8
0
10
IF FREQUENCY (MHz)
Figure 30. IF Port Return Loss
30
0
5
10
15
20
25
RF FREQUENCY (GHz)
1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20
Figure 31. RF Port Return Loss, Fixed IF
30
0
5
10
15
20
25
LO FREQUENCY (GHz)
1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00
SELECTED
UNSELECTED
Figure 32. LO Return Loss, Selected and Unselected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com