Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5562ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5562ACPZ-R7
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5562ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADL5562
Rev. A | Page 3 of 24
SPECIFICATIONS
VCC = 3.3 V, VCOM = 1.65 V, RL = 200 Ω differential, AV = 6 dB, CL = 1 pF differential, f = 140 MHz, TA = 25°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
AV = 6 dB, VOUT ≤ 1.0 V p-p
3300
MHz
AV = 12 dB, VOUT ≤ 1.0 V p-p
3900
MHz
AV = 15.5 dB, VOUT ≤ 1.0 V p-p
1900
MHz
Bandwidth for 0.1 dB Flatness
AV = 6 dB, VOUT ≤ 1.0 V p-p
220
MHz
AV = 12 dB, VOUT ≤ 1.0 V p-p
270
MHz
AV = 15.5 dB, VOUT ≤ 1.0 V p-p
270
MHz
Gain Accuracy
AV = 6 dB, RL = open
0.17
dB
AV = 12 dB, RL = open
0.05
dB
AV = 15.5 dB, RL = open
0.06
dB
Gain Supply Sensitivity
VCC ± 5%
−0.005
dB/V
Gain Temperature Sensitivity
−40°C to +85°C, AV = 15.5 dB
0.32
mdB/°C
Slew Rate
Rise, AV = 15.5 dB, RL = 200 Ω, VOUT = 2 V step
9.8
V/ns
Fall, AV = 15.5 dB, RL = 200 Ω, VOUT = 2 V step
10.1
V/ns
Settling Time
2 V step to 1%
2
ns
Overdrive Recovery Time
VIN = 4 V to 0 V step, VOUT ≤ ±10 mV
3
ns
Reverse Isolation (S12)
60
dB
INPUT/OUTPUT CHARACTERISTICS
Output Common Mode
VCC/2
V
Voltage Adjustment Range
1.4 to 1.8
V
Maximum Output Voltage Swing
1 dB compressed
4.9
V p-p
Output Common-Mode Offset
Referenced to VCC/2
60
mV
Output Common-Mode Drift
−40°C to +85°C
285
μV/°C
Output Differential Offset Voltage
1
mV
CMRR
65
dB
Output Differential Offset Drift
−40°C to +85°C
15
μV/°C
Input Bias Current
3
μA
Input Resistance (Differential)
AV = 6 dB
400
Ω
AV = 12 dB
200
Ω
AV = 15.5 dB
133
Ω
Input Resistance (Single-Ended)1
AV = 5.6 dB, RS = 50 Ω
307
Ω
AV = 11.1 dB, RS = 50 Ω
179
Ω
AV = 14.1 dB, RS = 50 Ω
132
Ω
Input Capacitance (Single-Ended)
0.3
pF
Output Resistance (Differential)
12
Ω
POWER INTERFACE
Supply Voltage
3
3.3
3.6
V
ENBL Threshold
Device disabled, ENBL low
0.6
V
Device enabled, ENBL high
1.3
V
ENBL Input Bias Current
ENBL high
−27
μA
ENBL low
−300
μA
Quiescent Current
ENBL high
75.5
80
84.5
mA
ENBL low
3.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com