Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5562ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5562ACPZ-R7
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5562ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADL5562
Rev. A | Page 21 of 24
COMPLIANT
TO JEDEC STANDARDS MO-220-VHHC
OUTLINE DIMENSIONS
1
0.65
BSC
PIN 1
INDICATOR
2.60 BSC
0.75
0.60
0.50
TOP VIEW
12° MAX
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.05
0.90
0.85
0.80
0.35
0.28
0.23
0.05 MAX
0.01 NOM
0.20 REF
0.70
0.65
0.60
3.20
3.10 SQ
3.00
20
6
16
10
11
15
5
EXPOSED
PAD
(BOTTOM VIEW)
0.60 MAX
0.60 MAX
5.00
BSC SQ
4.75
BSC SQ
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 46. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
3 mm × 3 mm Body, Very Thin Quad
(CP-16-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package
Option
Branding
Ordering
Quantity
ADL5562ACPZ-R71
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ], 7”Reel
CP-16-2
Q1Q
1,500
ADL5562ACPZ-WP1
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP_VQ], Waffle Pack
CP-16-2
Q1Q
64
ADL5562-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com