Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5562ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5562ACPZ-R7
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5562ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADL5562
Rev. A | Page 17 of 24
This circuit provides variable gain, isolation, and source matching
for the AD9445. Using this circuit with the ADL5562 in a gain
of 6 dB, an SFDR performance of 87 dBc is achieved at 140 MHz,
and a −3 dB bandwidth of 760 MHz, as indicated in Figure 38
and Figure 39.
0
6.25 12.50 18.75 25.00 31.25 37.50 43.75 50.00 56.25 62.50
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
FREQUENCY (MHz)
ADL5562 DRIVING THE AD9445 14-BIT ADC
GAIN = 6dB
INPUT = 140MHz
SNR = 66.25dBc
SFDR = 87.44dBc
NOISE FLOOR = –109.5dB
FUND = –1.081dBFS
SECOND = –84.54dBc
THIRD = –84.54dBc
Figure 38. Measured Single-Tone Performance of the
Circuit in Figure 37 for a 100 MHz Input Signal
FREQUENCY (MHz)
FIRST POINT = –1.02dBFS
END POINT = –5.69dBFS
MID POINT = –1.09dBFS
MIN = –5.69dBFS
MAX = –0.88dBFS
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
2.00
81.90
241.70
401.50
561.30
721.10
161.80
321.60
481.40
641.20
801.00
Figure 39. Measured Frequency Response of the Wideband
ADC Interface Depicted in Figure 37
The wideband frequency response is an advantage in broad-
band applications, such as predistortion receiver designs and
instrumentation applications. However, by designing for a wide
analog input frequency range, the cascaded SNR performance is
somewhat degraded due to high frequency noise aliasing into
the wanted Nyquist zone.
An alternative narrow-band approach is presented in Figure 40.
By designing a narrow band-pass antialiasing filter between the
ADL5562 and the target ADC, the output noise of the ADL5562
outside of the intended Nyquist zone can be attenuated, helping
to preserve the available SNR of the ADC. In general, the SNR
improves several decibels when including a reasonable order anti-
aliasing filter. In this example, a low loss 1:1 input transformer is
used to match the ADL5562 balanced input to a 50 Ω unbalanced
source, resulting in minimum insertion loss at the input.
Figure 40 is optimized for driving some of the Analog Devices
popular unbuffered ADCs, such as the AD9246, AD9640,
and AD6655. Table 9 includes antialiasing filter component
recommendations for popular IF sampling center frequencies.
Inductor L5 works in parallel with the on-chip ADC input
capacitance and a portion of the capacitance presented by C4 to
form a resonant tank circuit. The resonant tank helps to ensure
that the ADC input looks like a real resistance at the target center
frequency. The L5 inductor shorts the ADC inputs at dc, which
introduces a zero into the transfer function. In addition, the ac
coupling capacitors introduce additional zeros into the transfer
function. The final overall frequency response takes on a band-
pass characteristic, helping to reject noise outside of the intended
Nyquist zone. Table 9 provides initial suggestions for prototyping
purposes. Some empirical optimization may be needed to help
compensate for actual PCB parasitics.
105Ω
L5
105Ω
AD9246
AD9640
AD6655
1nF
L1
C2
L3
1nF
L1
L3
C4
CML
ADL5562
4Ω
4Ω
Figure 40. Narrow-Band IF Sampling Solution for an Unbuffered ADC Application
Table 9. Interface Filter Recommendations for Various IF Sampling Frequencies
Center Frequency (MHz)
1 dB Bandwidth (MHz)
L1 (nH)
C2 (pF)
L3 (nH)
C4 (pF)
L5 (nH)
96
30
3.3
47
27
75
100
140
33
3.3
47
27
33
120
170
32
3.3
56
27
22
110
211
33
3.3
47
27
18
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com