Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5562ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5562ACPZ-R7
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5562ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADL5562
Rev. A | Page 19 of 24
SOLDERING INFORMATION
On the underside of the chip scale package, there is an exposed
compressed paddle. This paddle is internally connected to the
ground of the chip. Solder the paddle to the low impedance
ground plane on the PCB to ensure the specified electrical
performance and to provide thermal relief. To further reduce
thermal impedance, it is recommended that the ground planes
on all layers under the paddle be stitched together with vias.
EVALUATION BOARD
Figure 43 shows the schematic of the ADL5562 evaluation board.
The board is powered by a single supply in the 3 V to 3.6 V range.
The power supply is decoupled by 10 μF and 0.1 μF capacitors.
Table 14 details the various configuration options of the evaluation
board. Figure 44 and Figure 45 show the component and circuit
layouts of the evaluation board.
To realize the minimum gain (6 dB into a 200 Ω load), Input 1
(VIN1 and VIP1) must be used by installing 0 Ω resistors at R3
and R4, leaving R5 and R6 open. R1 and R2 must be 33 Ω for a
50 Ω input impedance.
Likewise, driving Input 2 (VIN2 and VIP2) realizes the middle
gain (12 dB into a 200 Ω load) by installing 0 Ω at R5 and R6
and leaving R3 and R4 open. R1 and R2 must be 29 Ω for a
50 Ω input impedance.
For the maximum gain (15.5 dB into a 200 Ω load), both inputs
are driven by installing 0 Ω resistors at R3, R4, R5, and R6. R1
and R2 must be 40.2 Ω for a 50 Ω input impedance.
The balanced input and output interfaces are converted to
single ended with a pair of baluns (M/A-COM ETC1-1-13).
The balun at the input, T1, provides a 50 Ω single-ended-to-
differential transformation. The output balun, T2, and the
matching components are configured to provide a 200 Ω to 50 Ω
impedance transformation with an insertion loss of about 17 dB.
C3
10µF
C4
0.1µF
C5
0.1µF
C6
0.1µF
C7
0.1µF
C8
0.1µF
C13
0.1µF
C11
0.1µF
VPOS
R9
84.5Ω
R11
OPEN
J3
R10
84.5Ω
R8
34.8Ω
C10
0.01µF
C9
0.01µF
P1
T2
J2
AGND
VPOS
GND
R7
34.8Ω
ENBL
ADL5562
9
10
11
12
4
3
2
1
16
15
14
13
56
78
GND
GND GND GND
VCC
VIN1
VIN2
VIP2
VIP1
VON
VOCM
ENBL
VOP
VCC
VCC
VCC
C12
0.1µF
J1
T1
R1
49.9Ω
R2
49.9Ω
R4
0Ω
R3
0Ω
R5
0Ω
R6
0Ω
C1
0.01µF
C2
0.01µF
Figure 43. Evaluation Board Schematic
Table 14. Evaluation Board Configuration Options
Component
Description
Default Condition
VPOS, GND
Ground and supply vector pins.
VPOS, GND = installed
C3, C4, C5,
C6, C7, C11
Power supply decoupling. The supply decoupling consists of a 10 μF capacitor (C3)
to ground. C4 to C7 are bypass capacitors. C11 ac couples VREF to ground.
C3 = 10 μF (Size D),
C4, C5, C6, C7, C11 = 0.1 μF (Size 0402)
J1, R1, R2, R3,
R4, R5, R6, C1,
C2, C12, T1
Input interface. The SMA labeled J1 is the input. T1 is a 1-to-1 impedance ratio balun
to transform a single-ended input into a balanced differential signal. C1 and C2
provide ac coupling. C12 is a bypass capacitor. R1 and R2 provide a differential 50 Ω
input termination. R3 to R6 are used to select the input for the pin-strappable gain.
Maximum gain: R3, R4, R5, R6 = 0 Ω; and R1, R2 = 40.2 Ω. Middle gain: R5, R6 = 0 Ω; and R3,
R4 = open; R1, R2 = 33 Ω. Minimum gain: R3, R4 = 0 Ω; and R5, R6 = open; R1, R2 = 29 Ω.
J1 = installed,
R1, R2 = 40.2 Ω (Size 0402),
R3, R4, R5, R6 = 0 Ω (Size 0402),
C1, C2 = 0.01 μF (Size 0402),
C12 = 0.1 μF (Size 0402)
T1 = ETC1-1-13 (M/A-COM)
J3, R7, R8, R9,
R10, R11, C9,
C10, C13, T2
Output interface. The SMA labeled J3 is the output. T2 is a 1-to-1 impedance ratio
balun to transform a balanced differential signal to a single-ended signal. C13 is a
bypass capacitor. R7, R8, R9, and R10 are provided for generic placement of matching
components. The evaluation board is configured to provide a 200 Ω to 50 Ω impedance
transformation with an insertion loss of 17 dB. C9 and C10 provide ac coupling.
J3 = installed,
R7, R8 = 84.5 Ω (Size 0402),
R9, R10 = 34.8 Ω (Size 0402),
R11 = open (Size 0402),
C9, C10 = 0.01 μF (Size 0402),
C13 = 0.1 μF (Size 0402)
T2 = ETC1-1-13 (M/A-COM)
ENBL, P1, C8
Device enable. C8 is a bypass capacitor. When the P1 jumper is set toward the VPOS label,
the ENBL pin is connected to the supply, enabling the device. In the opposite direction,
toward the GND label, the ENBL pin is grounded, putting the device in power-down mode.
ENBL, P1= installed,
C8 = 0.1 μF (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com