Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5562ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5562ACPZ-R7
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5562ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5562
Rev. A | Page 11 of 24
–130
–120
–110
–100
–90
–80
–70
–60
–100
–90
–80
–70
–60
–50
–40
–30
0
100
200
300
400
500
600
700
800
900 1000
RLOAD (Ω)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 21. Harmonic Distortion (HD2/HD3) vs. RLOAD
TIME (2.5ns/DIV)
Figure 22. ENBL Time Domain Response
TIME (2.5ns/DIV)
2V p-p OUTPUT
Figure 23. Large Signal Pulse Response, AV = 15.5 dB
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
VCOM (V)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 24. Harmonic Distortion (HD2/HD3) vs. VCOM
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
100
200
300
400
500
600
700
800
900 1000
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 25. Group Delay and Phase vs. Frequency
0
10
20
30
40
50
60
70
80
30
40
50
60
70
80
90
100
110
10M
100M
1G
FREQUENCY (Hz)
AV MAXIMUM
AV MID
AV MINIMUM
RL = 200Ω
RL = 1kΩ
Figure 26. Common-Mode Rejection Ratio (CMRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com