Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5562ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5562ACPZ-R7
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5562ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5562ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5562
Rev. A | Page 14 of 24
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 31 shows the basic connections for operating the ADL5562.
VCC should be 3.3 V with each supply pin decoupled with at least
one low inductance surface-mount ceramic capacitor of 0.1 μF
placed as close as possible to the device. The VCOM pin (Pin 9)
should also be decoupled using a 0.1 μF capacitor.
The gain of the part is determined by the pin-strappable input
configuration. When Input A is applied to VIP1 and Input B is
applied to VIN1, the gain is 6 dB (minimum gain, see Equation 1
and Equation 2). When Input A is applied to VIP2 and Input B
is applied to VIN2, the gain is 12 dB (middle gain). When
Input A is applied to VIP1 and VIP2 and Input B is applied to
VIN1 and VIN2, the gain is 15.5 dB (maximum gain).
Pin 1 to Pin 4, Pin 10, and Pin 11 are biased at 1/2 VCC above
ground and can be dc-coupled (if within the specified input or
output common-mode voltage levels) or ac-coupled as shown
in Figure 31.
To enable the ADL5562, the ENBL pin must be pulled high.
Pulling the ENBL pin low puts the ADL5562 in sleep mode,
reducing the current consumption to 3 mA at ambient.
1
2
3
4
11
12
10
9
5
6
7
8
15
16
14
13
VIP2
VIP1
VIN1
VIN2
VOP
ENBL
VON
VCOM
VCC
VCC
VCC
VCC
AC
VCC
GND
GND
GND
GND
ADL5562
VCC
BALANCED
LOAD
RL
0.1µF
0.1µF
A
B
0.1µF
10µF
0.1µF
RS/2
RS/2
BALANCED
SOURCE
Figure 31. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com