Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1877ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1877ACPZ-R7
Description  Dual Output Synchronous Buck PWM Controller With Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1877ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1877ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP1877
Rev. 0 | Page 4 of 32
Parameter
Symbol
Conditions
Min
Typ
Max
Units
LOGIC INPUT
S
EN1, EN2
EN1/EN2 rising
0.57
0.63
0.68
V
EN1, EN2 Hysteresis
0.03
V
EN1, EN2 Input Leakage Current
IEN
VIN = 2.75 V to 14.5 V
1
200
nA
SYNC Logic Input Low
1.3
V
SYNC Logic Input High
1.9
V
SYNC Input Leakage Current
ISYNC
SYNC = 5 V, internal 1 MΩ pull-down
5
6.5
μA
GATE DRIVERS
DH Rise Time
CDH = 3 nF, VBST − VSW = 5 V
16
ns
DH Fall Time
CDH = 3 nF, VBST − VSW = 5 V
14
ns
DL Rise Time
CDL = 3 nF
16
ns
DL Fall Time
CDL = 3 nF
14
ns
DH to DL Dead Time
External 3 nF is connected to DH and DL
25
ns
DH or DL Driver RON, Sourcing
Current1
RON_SOURC
Sourcing 2 A with a 100 ns pulse
2
Ω
Sourcing 1 A with a 100 ns pulse, VIN = 3 V
2.3
Ω
DH or DL Driver RON, Tempco
TCRON
VIN = 3 V or 12 V
0.3
%/oC
DH or DL Driver RON, Sinking
Current1
RON_SINK
Sinking 2 A with a 100 ns pulse
1.5
Ω
Sinking 1 A with a 100 ns pulse, VIN = 3 V
2
Ω
DH Maximum Duty Cycle
fOSC = 300 kHz
90
%
DH Maximum Duty Cycle
fOSC = 1500 kHz
50
%
Minimum DH On Time
fOSC = 200 kHz to 1500 kHz
130
ns
Minimum DH Off Time
fOSC = 200 kHz to 1500 kHz
330
ns
Minimum DL On Time
fOSC = 200 kHz to 1500 kHz
280
ns
COMP VOLTAGE RANGE
COMP Pulse Skip Threshold
VCOMP,THRES
In pulse skip mode
0.9
V
COMP Clamp High Voltage
VCOMP,HIGH
2.25
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TTMSD
155
°C
Thermal Shutdown Hysteresis
20
°C
OVERVOLTAGE AND POWER GOOD
THRESHOLDS
FB Overvoltage Threshold
VOV
VFB rising
0.67
0.7
0.73
V
FB Overvoltage Hysteresis
40
mV
FB Undervoltage Threshold
VUV
VFB rising
0.51
0.54
0.57
V
FB Undervoltage Hysteresis
30
mV
TRK INPUT VOLTAGE RANGE
0
5
V
FB TO TRK OFFSET VOLTAGE
TRK = 0.5 V to 0.6 V; offset = VFB − VTRK
−120
−70
−25
mV
SOFT START
SS Output Current
ISS
During start-up
4.6
6.5
8.4
μA
SS Pull-Down Resistor
During a fault condition
1
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com