Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1877ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP1877ACPZ-R7
Description  Dual Output Synchronous Buck PWM Controller With Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1877ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP1877ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1877ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADP1877
Rev. 0 | Page 24 of 32
The ratio of the slave output voltage to the master voltage is a
function of the two dividers.
RATIOMETRIC TRACKING
Ratiometric tracking limits the output voltage to a fraction of
the master voltage. For ratiometric tracking, the simplest
configuration is to tie the TRK pin of the slave channel to the
FBx pin of the master channel. However, because of the large
internal offset between TRKx and FBx, this ratiometric tracking
configuration is not recommended. A tracking configuration
that requires the TRKx voltage of the slave channel below 0.6 V
is not recommended because of the large internal TRKx to FBx
offset voltage.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
TRKB
TRKT
BOT
TOP
MASTER
OUT
SLAVE
OUT
R
R
R
R
V
V
1
1
_
_
As the master voltage rises, the slave voltage rises identically.
Eventually, the slave voltage reaches its regulation voltage,
where the internal reference takes over the regulation while the
TRKx input continues to increase and thus removes itself from
influencing the output voltage.
Another ratiometric tracking configuration is having the slave
channel rise more quickly than the master channel, as shown in
Figure 38 and Figure 39. The tracking circuits in Figure 37 and
Figure 38 are virtually identical with the exception that RTRKB
> RTRKT, as shown in Figure 38.
To ensure that the output voltage accuracy is not compromised
by the TRKx pin being too close in voltage to the 0.6 V
reference, make sure that the final value of the TRKx voltage of
the slave channel is at least 0.7 V.
CSS1
100nF
CSS2
20nF
3.3V
VOUT1_MASTER
FB1
EN
RBOT
10kΩ
FB2
SS1
ADP1877
EN1
EN2
SS2
VCCO
TRK1
TRK2
RTOP
20kΩ
1.8V
VOUT2_SLAVE
RTRKB
10kΩ
RTRKT
5kΩ
2.2V
10kΩ
45.3kΩ
1MΩ
Figure 38. A Simple Ratiometric Tracking Circuit (Slave Channel Has
a Faster Ramp Rate)
TIME
SLAVE VOLTAGE
MASTER VOLTAGE
Figure 39. Ratiometric Tracking (Slave Channel Has a Faster Ramp Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com